Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2K Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 131Page - Renesas Technology Corp R8C2K Datasheet HTML 132Page - Renesas Technology Corp R8C2K Datasheet HTML 133Page - Renesas Technology Corp R8C2K Datasheet HTML 134Page - Renesas Technology Corp R8C2K Datasheet HTML 135Page - Renesas Technology Corp R8C2K Datasheet HTML 136Page - Renesas Technology Corp R8C2K Datasheet HTML 137Page - Renesas Technology Corp R8C2K Datasheet HTML 138Page - Renesas Technology Corp R8C2K Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 471 page
background image
R8C/2K Group, R8C/2L Group
12. Interrupts
Rev.1.10
Dec 21, 2007
Page 118 of 450
REJ09B0406-0110
12.5
Timer RC Interrupt, Timer RD Interrupt (Interrupts with Multiple Interrupt
Request Sources)
The timer RC interrupt, timer RD (channel 0) interrupt, and timer RD (channel 1) interrupt each have multiple
interrupt request sources. An interrupt request is generated by the logical OR of several interrupt request factors
and is reflected in the IR bit in the corresponding interrupt control register. Therefore, each of these peripheral
functions has its own interrupt request source status register (status register) and interrupt request source enable
register (enable register) to control the generation of interrupt requests (change the IR bit in the interrupt control
register). Table 12.8 lists the Registers Associated with Timer RC Interrupt and Timer RD Interrupt and Figure
12.21 shows a Block Diagram of Timer RD Interrupt.
Figure 12.21
Block Diagram of Timer RD Interrupt
Table 12.8
Registers Associated with Timer RC Interrupt and Timer RD Interrupt
Peripheral Function
Name
Status Register of
Interrupt Request Source
Enable Register of
Interrupt Request Source
Interrupt Control
Register
Timer RC
TRCSR
TRCIER
TRCIC
Timer RD
Channel 0
TRDSR0
TRDIER0
TRD0IC
Channel 1
TRDSR1
TRDIER1
TRD1IC
Timer RD (channel i)
interrupt request
(IR bit in TRDiIC register)
IMFA bit
IMIEA bit
IMFB bit
IMIEB bit
IMFC bit
IMIEC bit
IMFD bit
IMIED bit
UDF bit
OVF bit
OVIE bit
i = 0 or 1
IMFA, IMFB, IMFC, IMFD, OVF, UDF: Bits in TRDSRi register
IMIEA, IMIEB, IMIEC, IMIED, OVIE: Bits in TRDIER register
Channel i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com