Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C2K Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # R8C2K
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2K Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button R8C2K Datasheet HTML 136Page - Renesas Technology Corp R8C2K Datasheet HTML 137Page - Renesas Technology Corp R8C2K Datasheet HTML 138Page - Renesas Technology Corp R8C2K Datasheet HTML 139Page - Renesas Technology Corp R8C2K Datasheet HTML 140Page - Renesas Technology Corp R8C2K Datasheet HTML 141Page - Renesas Technology Corp R8C2K Datasheet HTML 142Page - Renesas Technology Corp R8C2K Datasheet HTML 143Page - Renesas Technology Corp R8C2K Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 471 page
background image
R8C/2K Group, R8C/2L Group
13. ID Code Areas
Rev.1.10
Dec 21, 2007
Page 123 of 450
REJ09B0406-0110
13. ID Code Areas
13.1
Overview
The ID code areas are used to implement a function that prevents the flash memory from being rewritten in
standard serial I/O mode. This function prevents the flash memory from read, rewritten, or erased.
The ID code areas are assigned to 0FFDFh, 0FFE3h, 0FFEBh, 0FFEFh, 0FFF3h, 0FFF7h, and 0FFFBh of the
respective vector highest-order addresses of the fixed vector table. Figure 13.1 shows the ID Code Areas.
Figure 13.1
ID Code Areas
13.2
Functions
The ID code areas are used in standard serial I/O mode. Unless 3 bytes (addresses from 0FFFCh to 0FFFEh) of the
reset vector are set to FFFFFFh, the ID codes stored in the ID code areas and the ID codes sent from the serial
programmer or the on-chip debugging emulator are checked to see if they match. If the ID codes match, the
commands sent from the serial programmer or the on-chip debugging emulator are acknowledged. If the ID codes
do not match, the commands are not acknowledged. To use the serial programmer or the on-chip debugging
simulator, first write predetermined ID codes to the ID code areas.
As the ID code areas are allocated in the flash memory (not in the SFRs), they cannot be rewritten by executing an
instruction. Write appropriate values when creating a program.
4 bytes
Address
Oscillation stop detection/watchdog timer/
voltage monitor 1 and voltage monitor 2
(Reserved)
Undefined instruction vector
Overflow vector
BRK instruction vector
Address match vector
Single step vector
Address break vector
Reset vector
ID code areas
ID1
ID2
ID3
ID4
ID5
ID6
ID7
OFS
0FFDFh to 0FFDCh
0FFE3h to 0FFE0h
0FFE7h to 0FFE4h
0FFEBh to 0FFE8h
0FFEFh to 0FFECh
0FFF3h to 0FFF0h
0FFF7h to 0FFF4h
0FFFBh to 0FFF8h
0FFFFh to 0FFFCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com