| Electronic Components Datasheet Search |
|
R8C2K Datasheet(PDF) 303 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K Datasheet(HTML) 303 Page - Renesas Technology Corp |
|
303 / 471 page ![]() R8C/2K Group, R8C/2L Group 16. Timers Rev.1.10 Dec 21, 2007 Page 286 of 450 REJ09B0406-0110 Figure 16.126 Registers TRDOER1 to TRDOER2 in Complementary PWM Mode Timer RD Output Master Enable Register 1 Symbol Address After Reset TRDOER1 013Bh FFh Bit Symbol Bit Name Function RW ED1 RW EA1 EB1 RW TRDIOD1 output disable bit 0 : Enable output 1 : Disable output (The TRDIOD1 pin is used as a programmable I/O port.) TRDIOB1 output disable bit 0 : Enable output 1 : Disable output (The TRDIOB1 pin is used as a programmable I/O port.) EC1 TRDIOC0 output disable bit 0 : Enable output 1 : Disable output (The TRDIOC0 pin is used as a programmable I/O port.) EC0 RW RW TRDIOA1 output disable bit 0 : Enable output 1 : Disable output (The TRDIOA1 pin is used as a programmable I/O port.) RW RW TRDIOD0 output disable bit 0 : Enable output 1 : Disable output (The TRDIOD0 pin is used as a programmable I/O port.) TRDIOC1 output disable bit 0 : Enable output 1 : Disable output (The TRDIOC1 pin is used as a programmable I/O port.) RW EB0 RW TRDIOA0 output disable bit Set this bit to 1 (the TRDIOA0 pin is used as a programmable I/O port) in complementary PWM mode. TRDIOB0 output disable bit 0 : Enable output 1 : Disable output (The TRDIOB0 pin is used as a programmable I/O port.) b7 b6 b5 b4 b3 b2 ED0 b1 b0 1 EA0 Timer RD Output Master Enable Register 2 Symbol Address After Reset TRDOER2 013Ch 01111111b Bit Symbol Bit Name Function RW INT0 _____ of pulse output forced 0 : Pulse output forced cutoff input disabled cutoff signal input enabled bit(1) 1 : Pulse output forced cutoff input enabled (All bits in the TRDOER1 register are set to 1 (disable output) w hen “L” is applied to the INT0 _____ pin.) NOTE: 1. Refer to 16.4.4 Pulse Output Forced Cutoff. b3 b2 b1 b0 — b7 b6 b5 b4 — (b6-b0) Nothing is assigned. If necessary, set to 0. When read, the content is 1. RW PTO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |