Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78PL114RGZR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78PL114RGZR
Description  PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114RGZR Datasheet(HTML) 3 Page - Texas Instruments

  BQ78PL114RGZR Datasheet HTML 1Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 2Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 3Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 4Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 5Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 6Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 7Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 8Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
bq76PL102
Cell
MonitorWith
PowerPump
Balancing
PowerLAN
MasterGateway
BatteryController
bq78PL114
Pack
Positive
Pack
Negative
Example8-cellconfigurationshown
–
+
B0332-01
bq76PL102
Cell
MonitorWith
PowerPump
Balancing
bq78PL114
www.ti.com .................................................................................................................................... SLUS850A – SEPTEMBER 2008 – REVISED SEPTEMBER 2008
Figure 2. Example PowerLAN Multicell System Implementation
ORDERING INFORMATION(1)
Quantity,
Package
Temperature
Product
Cell Configuration(2)
Package
Ordering Number
Transport
Designator
Range
Media
250, tape and
bq78PL114RGZT
reel
bq78PL114
3 to 8 series cells
2500, tape and
bq78PL114RGZR
reel
250, tape and
bq78PL114S10RGZT(3)
reel
bq78PL114
QFN-48, 7-mm
3 to 10 series cells
RGZ
–40°C to 85°C
(PREVIEW)
× 7-mm
2500, tape and
bq78PL114S10RGZR(3)
reel
250, tape and
bq78PL114S12RGZT(3)
reel
bq78PL114
3 to 12 series cells
(PREVIEW)
2500, tape and
bq78PL114S12RGZR(3)
reel
(1)
Authentication options are also available; contact TI for additional information.
(2)
For configurations consisting of more than four series cells, additional bq76PL102 parts must be used.
(3)
Some historical data storage limits exist for the S10 and S12 versions.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq78PL114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com