Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78PL114RGZR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78PL114RGZR
Description  PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114RGZR Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ78PL114RGZR Datasheet HTML 9Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 10Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 11Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 12Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 13Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 14Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 15Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 16Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Outputs
Inputs
bq78PL114
www.ti.com .................................................................................................................................... SLUS850A – SEPTEMBER 2008 – REVISED SEPTEMBER 2008
Charge Control
The CHG and PRE outputs are ordinarily used to drive MOSFET transistors controlling charge to the cell stack.
Charge or precharge mode is selected based on the present cell voltage compared to the user-definable cell
precharge, undervoltage, and temperature thresholds. When below these limits, the PRE signal is active and the
CHG signal is inactive. This turns on the precharge MOSFET and is used to charge a depleted system through a
current-limiting series resistor. When all cell voltages are above the limit and the temperature is above the charge
temperature minimum, then the CHG output also becomes active and enables the charge MOSFET to turn on,
providing a high-current path between charger and battery cells.
The CHG and PRE MOSFET control outputs are both disabled (low) when any cell reaches the safety cutoff limit
or temperature threshold. During active charging modes (and above cell voltage thresholds), the discharge
MOSFET is also enabled to avoid excessive heating of the body diode. Similarly, the charge MOSFET is active
during discharge, provided current flow is in the correct direction and no safety violations are present.
The CHG and PRE outputs are intended to drive buffer transistors acting as inverting level shifters.
Discharge Control
The DSG output operates similarly to control-system discharging. It is enabled (high) by default. If a cell voltage
falls below a programmable threshold, or excessive current or other safety related fault is sensed, the DSG
output is disabled (low) to prevent damage to the cells.
All facets of safely charging and discharging the cell stack are controlled by user-definable parameters which
provide precise control over MOSFET states. Both system and cell over- and undervoltage limits are provided, as
well as programmable hysteresis to prevent oscillation. Temperature and current thresholds are also provided,
each with independent timers to prevent nuisance activations.
LEDEN
LEDEN is a dual-function pin. One function is to provide output current to the LED display array. It also serves as
an input that monitors for closure of a state-of-charge indicator (SOCi) push-button switch.
LED SOCi Outputs
LED1–LED5 are current-sinking outputs designed to drive low-current LEDs. The LEDs can be activated by the
LEDEN pin via a pushbutton switch. They can be configured (using SBS parameters) to operate in bar or dot
mode and to use three to five LEDs to represent state-of-charge information.
Current Measurement
Current is monitored by four separate ADCs. All use the same very low-value sense resistor, typically either 5 or
10 milliohms in series with the pack negative connection. CCBAT and CCPACK connections to the sense
resistor use an R/C filter for noise reduction. (CSBAT and CSPACK are direct connections used for secondary
safety.) It is possible to use even lower values for the sense resistor in very high-current designs by employing
external circuitry. Contact Texas Instruments directly for details.
A 14-bit delta-sigma ADC is used to measure current flow accurately in both directions. The measurements are
taken simultaneously and synchronously with all the cell voltage measurements, even those cells measured by
bq76PL102 dual-cell battery monitors.
Coulomb Counting
A dedicated coulomb counter is used to measure charge flow with 18 bit precision in both directions by a
calibrated, integrating delta-sigma ADC. This allows the bq78PL114 to keep very accurate state-of-charge (SOC)
information and battery statistics. A small deadband is applied to further reduce noise effects. The coulomb
counter is unique in that it continues to accumulate (integrate) current flow in either direction even as the rest of
the internal microcontroller is placed in a very low power state, further lowering power consumption without
compromising system accuracy.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): bq78PL114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com