Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78PL114RGZR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78PL114RGZR
Description  PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114RGZR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ78PL114RGZR Datasheet HTML 3Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 4Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 5Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 6Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 7Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 8Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 9Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 10Page - Texas Instruments BQ78PL114RGZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ELECTRICAL CHARACTERISTICS
DC Characteristics
Voltage-Measurement Characteristics
Current-Sense Characteristics
Coulomb-Counter Characteristics
(1) (2)
bq78PL114
www.ti.com .................................................................................................................................... SLUS850A – SEPTEMBER 2008 – REVISED SEPTEMBER 2008
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCELL
(1)
Operating range
Cells balanced
2.3
4.5
V
IDD
Operating-mode current
Measure / report state
250
µA
ISTBY
Standby-mode current
SMBCLK = SMBDAT = L
100
µA
ISHIP
Ship-mode current
30
µA
Extreme cell under voltage
All cells < 2.7 V and any cell < ECUV set
IECUV
1
µA
shutdown current
point
VOL
General I/O pins
IOL < 4 mA
0
0.5
V
VOH
(2)
General I/O pins
IOH < –4 mA
VLDO1 – 0.1
V
VIL
General I/O pins
0.25 VLDO1
V
VIH
General I/O pins
0.75 VLDO1
V
(1)
Device remains operational to 1.85 V with reduced accuracy and performancce.
(2)
Does not apply to SMBus pins.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Measurement range
2.5
4.5
V
Resolution
<1
mV
25°C
±5
Accuracy
mV
0°C to 60°C
±10
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Measurement range(1)
–0.2
0.2
V
Input offset
TA = 25°C
±50
µV
Offset drift
TA = 0°C to 60°C
0.5
µV/°C
Resolution
18
µV
Full-scale error(2)
TA = 25°C
±0.1%
Full-scale error drift
TA = 0°C to 60°C
50
PPM/°C
(1)
Default range. Corresponds to ±10 A using a 10-m
Ω sense resistor. Other gains and ranges are available (eight options).
(2)
After calibration. Accuracy is dependent on system calibration and temperature coefficient of sense resistor.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
5
nVh
Intergral nonlinearity
0.008%
Snap-to-zero (deadband)
±100(3)
µV
(1)
Shares common input with Current Sense section
(2)
After calibration. Accuracy is dependent on system calibration and temperature coefficient of sense resistor.
(3)
Corresponds to 20 mA using 5-m
Ω sense resistor
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq78PL114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com