Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG442LDY Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG442LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG442LDY Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG442LDY Datasheet HTML 2Page - Vishay Siliconix DG442LDY Datasheet HTML 3Page - Vishay Siliconix DG442LDY Datasheet HTML 4Page - Vishay Siliconix DG442LDY Datasheet HTML 5Page - Vishay Siliconix DG442LDY Datasheet HTML 6Page - Vishay Siliconix DG442LDY Datasheet HTML 7Page - Vishay Siliconix DG442LDY Datasheet HTML 8Page - Vishay Siliconix DG442LDY Datasheet HTML 9Page - Vishay Siliconix DG442LDY Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DG441L/442L
Vishay Siliconix
www.vishay.com
6
Document Number: 71399
S-03294—Rev. D, 17-Mar-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
-2
0
2
4
6
-5
-3
-1
1
3
5
0.0
0.3
0.6
0.9
1.2
1.5
1.8
02
46
8
10
12
14
0
5
10
15
20
25
-5
-3
-1
1
3
5
0
1
2
3
4
5
6
7
03
69
12
Charge Injection vs. Drain Voltage
Analog Voltage (V)
VD - Drain Voltage (V)
Drain Capacitance vs. Drain Voltage
(Single Supply)
Drain Voltage (V)
Input Threshold vs. Single Supply Voltage
VSUPPLY = "5 V
VSUPPLY = 3 V
V
" Positive Supply Voltage (V)
CD(off) @ VCC = 5 V
CD(off) @ VCC = 3 V
CD(off) @ VCC = 12 V
Capacitance vs. Analog Signal
(Dual Supply)
VSUPPLY = "5 V
CD(on)
CS/CD(off)
0.1
-110
1
-30
10
-70
-50
100
1000
Frequency (MHz)
-90
Insertion Loss, Off Isolation and Crosstalk
vs. Frequency (Single Supply)
V+ = 3 V
V - = 0 V
RL = 50 W
Off Isolation
Crosstalk
Insertion Loss
- 3 dB = 280 MHz
10
-10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com