Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG442LDY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG442LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG442LDY Datasheet(HTML) 4 Page - Vishay Siliconix

  DG442LDY Datasheet HTML 1Page - Vishay Siliconix DG442LDY Datasheet HTML 2Page - Vishay Siliconix DG442LDY Datasheet HTML 3Page - Vishay Siliconix DG442LDY Datasheet HTML 4Page - Vishay Siliconix DG442LDY Datasheet HTML 5Page - Vishay Siliconix DG442LDY Datasheet HTML 6Page - Vishay Siliconix DG442LDY Datasheet HTML 7Page - Vishay Siliconix DG442LDY Datasheet HTML 8Page - Vishay Siliconix DG442LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DG441L/442L
Vishay Siliconix
www.vishay.com
4
Document Number: 71399
S-03294—Rev. D, 17-Mar-03
SPECIFICATIONSa (SINGLE SUPPLY 5 V)
D Suffix Limits
- 40 to 85
_C
A Suffix Limits
- 55 to 125
_C
Typc
Test Conditions
Unless Specified
V+ = 5 V, V - = 0 V
VIN = 2.4 V, 0.8 Vf
Parameter
Unit
Maxd
Mind
Maxd
Mind
Typc
Tempb
Test Conditions
Unless Specified
V+ = 5 V, V - = 0 V
VIN = 2.4 V, 0.8 Vf
Symbol
Dynamic Characteristics
Charge Injectione
Q
Vg = 0 V, Rg = 0 W, CL = 10 nF
Room
0.5
pC
Power Supplies
Positive Supply Currente
I+
Full
10
200
100
Negative Supply Currente
I-
VIN = 0 or 5 V
Room
Full
- 0.002
-1
- 7.5
-1
-5
mA
Ground Currente
IGND
Full
-10
- 200
- 100
SPECIFICATIONSa (SINGLE SUPPLY 3 V)
Test Conditions
Unless Specified
A Suffix Limits
- 55 to 125
_C
D Suffix Limits
- 40 to 85
_C
Parameter
Symbol
V+ = 3 V, V - = 0 V
VIN = 0.4 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
3
0
3
V
Drain-Source
On-Resistance
rDS(on)
V+ = 2.7 V, V - = 0 V
IS = 5 mA, VD = 0.5, 2.2 V
Room
Full
65
80
115
80
100
W
On-Resistance
Match Between Channelse
DrDS(on)
IS = 5 mA, VD = 2.2 V
Room
1.0
3.0
3.0
W
Switch Off
IS(off)
V+ = 3.3 V, V - = 0 V
Room
Full
-1
-15
1
15
-1
-10
1
10
Switch Off
Leakage Currentg
ID(off)
V+ = 3.3 V, V - = 0 V
VD = 1, 2 V, VS = 2, 1 V
Room
Full
-1
-15
1
15
-1
-10
1
10
nA
Channel On
Leakage Currentg
ID(on)
V+ = 3.3 V, V - = 0 V
VS = VD = 1, 2 V
Room
Full
-1
-15
1
15
-1
-10
1
10
Digital Control
Input Current, VIN Lowe
IIL
VIN Under Test = 0.4 V
Full
0.005
- 1.5
1.5
-1
1
mA
Input Current, VIN Highe
IIH
VIN Under Test = 2.4 V
Full
0.005
- 1.5
1.5
-1
1
mA
Dynamic Characteristics
Turn-On Time
tON
RL = 300 W, CL = 35 pF
Room
Full
50
136
175
136
151
ns
Turn-Off Time
tOFF
RL = 300 W, CL = 35 pF
VS = 1.5 V See Figure 2
Room
Full
30
100
140
100
125
ns
Charge Injectione
Q
Vg = 0 V, Rg = 0 W, CL = 10 nF
Room
1
pC
Off Isolatione
OIRR
RL = 50 W CL = 5 pF
Room
68
Channel-to-Channel
Crosstalke
XTALK
RL = 50 W, CL = 5 pF,
f = 1 MHz
Room
85
dB
Source Off Capacitancee
CS(off)
Room
6
Drain Off Capacitancee
CD(off)
f = 1 MHz
Room
6
pF
Channel On Capacitancee
CD(on)
Room
20
p
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.
g.
Leakage parameters are guaranteed by worst case test conditions and not subject to test.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com