Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG442LDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG442LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG442LDY Datasheet(HTML) 1 Page - Vishay Siliconix

  DG442LDY Datasheet HTML 1Page - Vishay Siliconix DG442LDY Datasheet HTML 2Page - Vishay Siliconix DG442LDY Datasheet HTML 3Page - Vishay Siliconix DG442LDY Datasheet HTML 4Page - Vishay Siliconix DG442LDY Datasheet HTML 5Page - Vishay Siliconix DG442LDY Datasheet HTML 6Page - Vishay Siliconix DG442LDY Datasheet HTML 7Page - Vishay Siliconix DG442LDY Datasheet HTML 8Page - Vishay Siliconix DG442LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DG441L/442L
Dual-In-Line, TSSOP and SOIC
IN1
IN2
D1
D2
S1
S2
V-
V+
GND
NC
S4
S3
D4
D3
IN4
IN3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
Top View
9
TRUTH TABLE
Logic
DG441L
DG442L
0
1
ON
OFF
OFF
ON
Logic “0”
v 0.8 V
Logic “1”
w 2.4 V
DG441L/442L
Vishay Siliconix
Document Number: 71399
S-03294—Rev. D, 17-Mar-03
www.vishay.com
1
Precision Monolithic Quad SPST
Low-Voltage CMOS Analog Switches
FEATURES
BENEFITS
APPLICATIONS
D 2.7- thru 12-V Single Supply or
"3- thru "6-Dual Supply
D On-Resistance—rDS(on): 17 W
D Fast Switching—tON: 20 ns
—tOFF: 12 ns
D TTL, CMOS Compatible
D Low Leakage: 0.25 nA
D 2000-V ESD Protection
D Widest Dynamic Range
D Low Signal Errors and Distortion
D Break-Before-Make Switching Action
D Simple Interfacing
D Precision Automatic Test Equipment
D Precision Data Acquisition
D Communication Systems
D Battery Powered Systems
D Computer Peripherals
D SDSL, DSLAM
D Audio and Video Signal Routing
DESCRIPTION
The DG441L/442L are low voltage pin-for-pin compatible
companion devices to the industry standard DG441L/442L
with improved performance
Using BiCMOS wafer fabrication technology allows the
DG441L/442L to operate on single and dual supplies. Single
supply voltage ranges from 3 to 12 V while dual supply
operation is recommended with
"3 to "6 V.
Combining high speed (tON: 20 ns), flat rDS(on) over the analog
signal range (5
W), minimal insertion lose (-3 dB at 280 MHz),
and excellent crosstalk and off-isolation performance ( - 50 dB
at 50 MHz), the DG441L/442L are ideally suited for audio and
video signal switching.
The DG441L/442L responds to opposite control logic as
shown in the Truth Table. open and two normally closed
switches.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
ORDERING INFORMATION
Temp Range
Package
Part Number
16 Pin TSSOP
DG441LDQ
40 to 85
_C
16-Pin TSSOP
DG442LDQ
- 40 to 85
_C
16 Pin Narrow SOIC
DG441LDY
16-Pin Narrow SOIC
DG442LDY
16 Pin CerDIP
DG441LAK, DG441LAK/883
55 to 125
_C
16-Pin CerDIP
DG442LAK, DG442LAK/883
- 55 to 125
_C
LCC 20
DG441LAZ/883
LCC-20
DG442LAZ/883


Similar Part No. - DG442LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG442LDY-E3 VISHAY-DG442LDY-E3 Datasheet
263Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG442LDY-T1-E3 VISHAY-DG442LDY-T1-E3 Datasheet
202Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG442LDY-T1-E3 VISHAY-DG442LDY-T1-E3 Datasheet
263Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
More results

Similar Description - DG442LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
26-Aug-02
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jul-09
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
02-Dec-13
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
Precision Monolithic Quad SPST CMOS Analog Switches
27-May-13
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
Precision Monolithic Quad SPST CMOS Analog Switches
13-Jun-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com