Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG408LDY Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG408LDY
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408LDY Datasheet(HTML) 5 Page - Vishay Siliconix

  DG408LDY Datasheet HTML 1Page - Vishay Siliconix DG408LDY Datasheet HTML 2Page - Vishay Siliconix DG408LDY Datasheet HTML 3Page - Vishay Siliconix DG408LDY Datasheet HTML 4Page - Vishay Siliconix DG408LDY Datasheet HTML 5Page - Vishay Siliconix DG408LDY Datasheet HTML 6Page - Vishay Siliconix DG408LDY Datasheet HTML 7Page - Vishay Siliconix DG408LDY Datasheet HTML 8Page - Vishay Siliconix DG408LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 71342
S-71241–Rev. E, 25-Jun-07
www.vishay.com
5
Vishay Siliconix
DG408L/409L
Notes:
a. Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
Δr
DS(on) = rDS(on) Max - rDS(on) Min.
h. Worst case isolation occurs on Channel 4 do to proximity to the drain pin.
i. rDS(on) flatness is measured as the difference between the minimum and maximum measured values across a defined Analog signal.
SPECIFICATIONS (SINGLE SUPPLY 5 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, ± 10 %
, V- = 0 V
VEN = 0.6 V or 2.4 V
f
Tempb
Typd
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Minc
Maxc
Minc
Maxc
Analog Switch
Analog Signal Rangee
VANALOG
Full
05
05
V
Drain-Source On-Resistance
rDS(on)
V+ = 4.5 V, VD or VS = 1 V or 3.5 V,
ID = 5 mA
Room
Full
35
49
62
40
62
Ω
rDS(on) Matching Between
Channelsg
Δr
DS
V+ = 4.5 V, VD = 1 V or 3.5 V,
IS = 5 mA
Room
1.5
3
3
On-Resistance Flatnessi
rFLAT(on)
Room
4
4
Switch Off Leakage Currenta
IS(off)
V+ = 5.5 V, VS = 1 V or 4 V
VD = 4 V or 1 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ID(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On Leakage
Currenta
ID(on)
V+ = 5.5 V, VD = VS = 1 V or 4 V
Sequence Each Switch On
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Logic High Input Voltage
VINH
V+ = 5 V
Full
2.4
2.4
V
Logic Low Input Voltage
VINL
Full
0.6
0.6
Input Currenta
IIN
VAX = VEN = 2.4 V or 0.6 V
Full
- 1.5
1.5
- 1
1
µA
Dynamic Characteristics
Transition Timee
tTRANS
VS1 = 3.5 V, VS8 = 0 V, (DG408L)
VS1b = 3.5 V, VS4b = 0 V, (DG409L)
See Figure 2
Room
Full
44
125
138
125
135
ns
Break-Before-Make Timee
tOPEN
VS(all) = VDA = 3.5 V,
See Figure 4
Room
Full
17
1
1
Enable Turn-On Timee
tON(EN)
VAX = 0 V, VS1 = 3.5 V (DG408L)
VAX = 0 V, VS1b = 3.5 V (DG409L)
See Figure 3
Room
Full
43
60
70
60
65
Enable Turn-Off Timee
tOFF(EN)
Room
Full
26
45
60
45
50
Charge Injectione
Q
CL = 1 nF, RGEN = 0 Ω, VGEN = 0 Ω
Room
1
5
5
pC
Off Isolatione, h
OIRR
f = 100 kHz, RL = 1 kΩ
Room
- 70
dB
Crosstalke
XTALK
Room
- 80
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 0 V
Room
8
pF
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 0 V, VEN = 0 V
Room
21
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 2.4 V
(DG409L only)
Room
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com