Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG408LDY Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG408LDY
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408LDY Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG408LDY Datasheet HTML 4Page - Vishay Siliconix DG408LDY Datasheet HTML 5Page - Vishay Siliconix DG408LDY Datasheet HTML 6Page - Vishay Siliconix DG408LDY Datasheet HTML 7Page - Vishay Siliconix DG408LDY Datasheet HTML 8Page - Vishay Siliconix DG408LDY Datasheet HTML 9Page - Vishay Siliconix DG408LDY Datasheet HTML 10Page - Vishay Siliconix DG408LDY Datasheet HTML 11Page - Vishay Siliconix DG408LDY Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Document Number: 71342
S-71241–Rev. E, 25-Jun-07
www.vishay.com
11
Vishay Siliconix
DG408L/409L
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?71342.
Figure 5. Charge Injection
A0
EN
A1
A2
VO
V+
GND
V-
D
Vg
Rg
SX
CL
1 nF
Channel
Select
3 V
0 V
OFF
ON
Logic
Input
Switch
Output
ΔVO
ΔVO is the measured voltage due to charge transfer
error Q, when the channel turns off.
Q = CL x ΔVO
OFF
V+
V-
Figure 6. Off Isolation
Figure 8. Insertion Loss
RL
1 k
Ω
VO
V+
GND
V-
A2
D
A1
A0
S8
SX
VS
EN
Rg = 50 Ω
Off Isolation = 20 log
VOUT
VIN
VIN
V+
V-
RL
1 k
Ω
A2
VO
D
Rg = 50 Ω
Insertion Loss = 20 log
VOUT
A1
VIN
A0
VS
S1
V+
GND
V-
EN
V-
V+
Figure 7. Crosstalk
Figure 9. Source Drain Capacitance
RL
1 k
Ω
VO
V+
GND
V-
A2
D
A1
A0
S8
SX
VS
EN
Rg = 50 Ω
Crosstalk = 20 log
VOUT
VIN
VIN
S1
V+
V-
f = 1 MHz
S1
D
EN
GND
V+
V-
Meter
HP4192A
Impedance
Analyzer
or Equivalent
S8
A1
A2
A0
Channel
Select
V-
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com