Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG408LDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG408LDY
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408LDY Datasheet(HTML) 1 Page - Vishay Siliconix

  DG408LDY Datasheet HTML 1Page - Vishay Siliconix DG408LDY Datasheet HTML 2Page - Vishay Siliconix DG408LDY Datasheet HTML 3Page - Vishay Siliconix DG408LDY Datasheet HTML 4Page - Vishay Siliconix DG408LDY Datasheet HTML 5Page - Vishay Siliconix DG408LDY Datasheet HTML 6Page - Vishay Siliconix DG408LDY Datasheet HTML 7Page - Vishay Siliconix DG408LDY Datasheet HTML 8Page - Vishay Siliconix DG408LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
DG408L/409L
Document Number: 71342
S-71241–Rev. E, 25-Jun-07
www.vishay.com
1
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
FEATURES
•
Pin-For-Pin compatibility with DG408/409
•
2.7- to 12 V Single Supply or ± 3 to ± 6 V
Dual Supply Operation
•
Lower On-Resistance: rDS(on) - 17 Ω Typ.
•
Fast Switching: tON - 38 ns, tOFF - 18 ns
•
Break-Before-Make Guaranteed
•
Low Leakage: IS(off) - 0.2 nA Max.
•
Low Charge Injection: 1 pC
•
TTL, CMOS, LV Logic (3 V) Compatible
•
-
82 dB Off-Isolation at 1 MHz
•
2000 V ESD Protection (HBM)
BENEFITS
•
High Accuracy
•
Single and Dual Power Rail Capacity
•
Wide Operating Voltage Range
•
Simple Logic Interface
APPLICATIONS
•
Data Acquisition Systems
•
Battery Operated Equipment
•
Portable Test Equipment
•
Sample and Hold Circuits
•
Communication Systems
•SDSL, DSLAM
•
Audio and Video Signal Routing
DESCRIPTION
The DG408L/409L are low voltage pin-for-pin compatible
companion devices to the industry standard DG408/409 with
improved performance.
Using BiCMOS wafer fabrication technology allows the
DG408L/409L to operate on single and dual supplies. Single
supply voltage ranges from 3 to 12 V while dual supply
operation is recommended with ± 3 to ± 6 V.
The DG408L is an 8 Channel single-ended analog
multiplexer designed to connect one of eight inputs to a
common output as determined by a 3 bit binary address (A0,
A1, A2). The DG409L is a dual 4 Channel differential analog
multiplexer designed to connect one of four differential
inputs to a common dual output as determined by its 2 bit
binary address (A0, A1). Break-before-make switching action
to protect against momentary crosstalk between adjacent
channels.
The DG408L/409L provides lower on-resistance, faster
switching time, lower leakage, less power consumption and
higher off-Isolation than the DG408/409.
FUNCTIONAL BLOCK DIAGRAMS AND PIN CONFIGURATIONS
* Pb containing terminations are not RoHS compliant, exemptions may apply
A0
Da
A1
Db
EN
GND
V-
V+
S1a
S1b
S2a
S2b
S3a
S3b
S4a
S4b
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
89
DG409L
Dual-In- Line, SOIC and TSSOP
S3
A0
S6
D
S4
A1
S8
S7
EN
A2
V-
GND
S1
V+
S2
S5
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
89
DG408L
Dual-In- Line, SOIC and TSSOP
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG408LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408L VISHAY-DG408L Datasheet
216Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-May-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-03
DG408L VISHAY-DG408L Datasheet
277Kb / 16P
Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
22-Feb-16
DG408LE VISHAY-DG408LE Datasheet
395Kb / 18P
17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
07-Mar-16
DG408LE VISHAY-DG408LE Datasheet
395Kb / 18P
17 Ω, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
07-Mar-16
More results

Similar Description - DG408LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
05-Aug-02
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
10-Oct-05
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-Apr-07
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-08
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-May-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
20-Jun-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-03
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
22-Feb-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com