Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2011 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2011
Description  Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2011 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2011 Datasheet HTML 1Page - Vishay Siliconix DG2011 Datasheet HTML 2Page - Vishay Siliconix DG2011 Datasheet HTML 3Page - Vishay Siliconix DG2011 Datasheet HTML 4Page - Vishay Siliconix DG2011 Datasheet HTML 5Page - Vishay Siliconix DG2011 Datasheet HTML 6Page - Vishay Siliconix DG2011 Datasheet HTML 7Page - Vishay Siliconix DG2011 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 70102
S-60004–Rev. F, 16-Jan-06
www.vishay.com
5
Vishay Siliconix
DG2011
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Switching Time vs. Temperature and Supply Voltage
Switching Threshold vs. Supply Voltage
0
10
20
30
40
50
60
70
80
90
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
tON V+ = 2 V
tON V+ = 3 V
tOFF V+ = 2 V
tOFF V+ = 3 V
tOFF V+ = 5 V
tON V+ = 5 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
012
34
567
V+ – Supply Voltage (V)
Insertion Loss, Off-Isolation, Crosstalk vs.
Frequency
Charge Injection vs. Analog Voltage
V+ = 5.0 V
RL = 50 Ω
OIRR
XTALK
100 K
1 M
Frequency (Hz)
LOSS
10 M
100 M
1 G
10
0
0
10
20
50
40
30
60
70
80
90
VCOM – Analog Voltage (V)
30
20
10
0
10
20
30
0
123
456
V+ = 2 V
V+ = 3 V
V+ = 5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com