Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2011 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2011
Description  Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2011 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2011 Datasheet HTML 1Page - Vishay Siliconix DG2011 Datasheet HTML 2Page - Vishay Siliconix DG2011 Datasheet HTML 3Page - Vishay Siliconix DG2011 Datasheet HTML 4Page - Vishay Siliconix DG2011 Datasheet HTML 5Page - Vishay Siliconix DG2011 Datasheet HTML 6Page - Vishay Siliconix DG2011 Datasheet HTML 7Page - Vishay Siliconix DG2011 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
DG2011
Document Number: 70102
S-60004–Rev. F, 16-Jan-06
www.vishay.com
1
Low-Voltage, Low rON, Single SPDT Analog Switch
In SC-89 Package
DESCRIPTION
The DG2011 is a low on-resistance, single-pole/double-
throw monolithic CMOS analog switch. It is designed for low
voltage applications with guaranteed operation at 2 V. The
DG2011 is ideal for portable and battery powered equipment,
requiring high performance and efficient use of board space.
In additional to the low on-resistance (1.8
Ω at 2.7 V), charge
injection is less than 10 pC over the entire analog range.
The switch conducts equally well in both directions when on,
and blocks up to the power supply level when off.
The DG2011 is built on Vishay Siliconix’s low voltage JI2 pro-
cess. An epitaxial layer prevents latchup.
Break-before-make is guaranteed.
The DG2011 represents a breakthrough in packaging devel-
opment for analog switching products. The SC-89 package
(1.6 x 1.6 mm2) – also know as SOT-666 in the industry –
reduces board spacing by approximately 40 % while obtain-
ing performance comparable to SC-70 analog switch devices
available today.
As a committed partner to the community and the environ-
ment, Vishay Siliconix manufactures this product with the
lead (Pb)-free device terminations. For analog switching
products manufactured with 100 % matte tin device termina-
tions, the lead (Pb)-free “-E3” suffix is being used as a desig-
nator.
FEATURES
•
Low Voltage Operation (1.8 V to 5.5 V)
•
Low On-Resistance - rON: 1.8 Ω at 2.7 V
•
Low Charge Injection
•
Low Voltage Logic Compatible
•
SC-89 Package (1.6 x 1.6 mm)
BENEFITS
•
Reduced Power Consumption
•
Simple Logic Interface
•
High Accuracy
•
Reduce Board Space
•
Guaranteed 2 V Operation
APPLICATIONS
•
Cellular Phones
•
Communication Systems
•
Portable Test Equipment
•
Battery Operated Systems
•
Sample and Hold Circuits
•
ADC and DAC Applications
•
Low Voltage Data Acquisition Systems
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
** Note:
DG2011DX-T1 and DG2011DX-T1-E3 are not recommended for
new designs.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
NO (Source1)
COM
NC (Source2)
1
2
3
6
5
Top View
IN
V+
GND
4
SC-89
Pin 1
Ax
Device Marking: Ax
x = Date/Lot Traceability Code
TRUTH TABLE
Logic
NC
NO
0
ON
OFF
1OFF
ON
COMMERCIAL ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 to 85 °C
SC-89 (SOT-666)
with Tape and Reel
DG2011DX-T1**
SC-89 (SOT-666)
Lead (Pb)-free
with Tape and Reel
DG2011DX-T1-E3**
DG2011DXA-T1-E3
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG2011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
CMOS Quad SPST Analog Switch
January 2000
DG201 INTERSIL-DG201 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
DG201 INTERSIL-DG201 Datasheet
4Mb / 122P
P-CHANNEL JFET
DG201 INTERSIL-DG201 Datasheet
2Mb / 117P
Analog Switches and Multiplexers
logo
Vishay Siliconix
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
More results

Similar Description - DG2011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257 Datasheet
539Kb / 7P
Low RON Low Voltage Dual SPDT Bi-Directional Analog Switch
logo
Vishay Siliconix
DG4599 VISHAY-DG4599 Datasheet
63Kb / 8P
Low-Voltage Single-Supply, SPDT Analog Switch in SC-70
26-May-03
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257_07 Datasheet
665Kb / 13P
Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Vishay Siliconix
DG2511 VISHAY-DG2511 Datasheet
127Kb / 8P
Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
26-Feb-07
DG4599 VISHAY-DG4599_08 Datasheet
114Kb / 9P
Low-Voltage Single-Supply, SPDT Analog Switch in SC-70
30-Apr-07
DG2511 VISHAY-DG2511_11 Datasheet
175Kb / 9P
Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
23-May-11
logo
Fairchild Semiconductor
FSA2257 FAIRCHILD-FSA2257_09 Datasheet
980Kb / 11P
Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch
logo
Vishay Siliconix
DG2511 VISHAY-DG2511_V01 Datasheet
178Kb / 10P
Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Rev. D, 20-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com