Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F36506DFB Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R5F36506DFB
Description  RENESAS MCU M16C FAMILY / M16C/60
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36506DFB Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R5F36506DFB Datasheet HTML 73Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 74Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 75Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 76Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 77Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 78Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 79Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 80Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 829 page
background image
REJ09B0484-0030 Rev.0.30 Sep 09, 2008
Page 42 of 791
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
M16C/65 Group
4. Special Function Registers (SFRs)
Note:
X: Undefined
1.
The blank areas are reserved. No access is allowed.
Table 4.5
SFR Information (5/16) (1)
Address
Register
Symbol
After Reset
01B0h
DMA3 Source Pointer
SAR3
XXh
01B1h
XXh
01B2h
0Xh
01B3h
01B4h
DMA3 Destination Pointer
DAR3
XXh
01B5h
XXh
01B6h
0Xh
01B7h
01B8h
DMA3 Transfer Counter
TCR3
XXh
01B9h
XXh
01BAh
01BBh
01BCh
DMA3 Control Register
DM3CON
0000 0X00b
01BDh
01BEh
01BFh
01C0h
Timer B0-1 Register
TB01
XXh
01C1h
XXh
01C2h
Timer B1-1 Register
TB11
XXh
01C3h
XXh
01C4h
Timer B2-1 Register
TB21
XXh
01C5h
XXh
01C6h
Pulse Period/Pulse Width Measurement Mode Function Select Register 1
PPWFS1
XXXX X000b
01C7h
01C8h
Timer B Count Source Select Register 0
TBCS0
00h
01C9h
Timer B Count Source Select Register 1
TBCS1
X0h
01CAh
01CBh
Timer AB Division Control Register 0
TCKDIVC0
0000 X000b
01CCh
01CDh
01CEh
01CFh
01D0h
Timer A Count Source Select Register 0
TACS0
00h
01D1h
Timer A Count Source Select Register 1
TACS1
00h
01D2h
Timer A Count Source Select Register 2
TACS2
X0h
01D3h
01D4h
16-Bit Pulse Width Modulation Mode Function Select Register
PWMFS
0XX0 X00Xb
01D5h
Timer A Waveform Output Function Select Register
TAPOFS
XXX0 0000b
01D6h
01D7h
01D8h
Timer A Output Waveform Change Enable Register
TAOW
XXX0 X00Xb
01D9h
01DAh
Three-Phase Protect Control Register
TPRC
00h
01DBh
01DCh
01DDh
01DEh
01DFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com