Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F36506DFB Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R5F36506DFB
Description  RENESAS MCU M16C FAMILY / M16C/60
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36506DFB Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F36506DFB Datasheet HTML 81Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 82Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 83Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 84Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 85Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 86Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 87Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 88Page - Renesas Technology Corp R5F36506DFB Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 829 page
background image
REJ09B0484-0030 Rev.0.30 Sep 09, 2008
Page 50 of 791
Under development
Preliminary Specification
This is a preliminary specification and is subject to change.
M16C/65 Group
4. Special Function Registers (SFRs)
Notes:
X: Undefined
1.
The blank areas are reserved. No access is allowed.
2.
When the CSPROINT bit in the OFS1 address is 0, value after reset is 10000000b
Table 4.13
SFR Information (13/16) (1)
Address
Register
Symbol
After Reset
0370h
PWM Control Register 0
PWMCON0
00h
0371h
0372h
PWM0 Prescaler
PWMPRE0
00h
0373h
PWM0 Register
PWMREG0
00h
0374h
PWM1 Prescaler
PWMPRE1
00h
0375h
PWM1 Register
PWMREG1
00h
0376h
PWM Control Register 1
PWMCON1
00h
0377h
0378h
0379h
037Ah
037Bh
037Ch
Count Source Protection Mode Register
CSPR
00h (2)
037Dh
Watchdog Timer Reset Register
WDTR
XXh
037Eh
Watchdog Timer Start Register
WDTS
XXh
037Fh
Watchdog Timer Control Register
WDC
00XX XXXXb
0380h
0381h
0382h
0383h
0384h
0385h
0386h
0387h
0388h
0389h
038Ah
038Bh
038Ch
038Dh
038Eh
038Fh
0390h
DMA2 Source Select Register
DM2SL
00h
0391h
0392h
DMA3 Source Select Register
DM3SL
00h
0393h
0394h
0395h
0396h
0397h
0398h
DMA0 Source Select Register
DM0SL
00h
0399h
039Ah
DMA1 Source Select Register
DM1SL
00h
039Bh
039Ch
039Dh
039Eh
039Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com