Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38K2 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 106Page - Renesas Technology Corp 38K2 Datasheet HTML 107Page - Renesas Technology Corp 38K2 Datasheet HTML 108Page - Renesas Technology Corp 38K2 Datasheet HTML 109Page - Renesas Technology Corp 38K2 Datasheet HTML 110Page - Renesas Technology Corp 38K2 Datasheet HTML 111Page - Renesas Technology Corp 38K2 Datasheet HTML 112Page - Renesas Technology Corp 38K2 Datasheet HTML 113Page - Renesas Technology Corp 38K2 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 91 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
A/D CONVERTER
The functional blocks of the A/D converter are described below.
[AD Conversion Register 1, 2 (AD1, AD2)]
003716, 003816
The AD conversion register is a read-only register that stores the
result of an A/D conversion. When reading this register during an
A/D conversion, the previous conversion result is read.
Bit 7 of the AD conversion register 2 must be set to “0”. Not only
10-bit reading but also only high-order 8-bit reading of conversion
result can be performed by selecting the reading procedure of the
AD conversion registers 1, 2 after A/D conversion is completed (in
Figure 133).
The 8-bit reading inclined to MSB is performed when reading the
AD converter register 1 after A/D conversion is started or reset;
and when the AD converter register 1 is read after reading the AD
converter register 2, the 8-bit reading inclined to LSB is per-
formed.
[AD Control Register (ADCON)] 003616
The AD control register controls the A/D conversion process. Bits
0 to 2 select a specific analog input pin. Bit 3 signals the comple-
tion of an A/D conversion. The value of this bit remains at “0”
during an A/D conversion, and changes to “1” when an A/D con-
version ends. Writing “0” to this bit starts the A/D conversion.
Comparison Voltage Generator
The comparison voltage generator divides the voltage between
VREF and AVSS into 1024, and that outputs the comparison volt-
age.
The A/D converter successively compares the comparison voltage
Vref in each mode, dividing the VREF voltage (see below), with the
input voltage.
• 10-bit reading
Vref =
✕ n (n = 0–1023)
• 8-bit reading
Vref =
✕ n (n = 0–255)
Channel Selector
The channel selector selects one of the input ports P17/AN7–P10/
AN0.
Comparator and Control Circuit
The comparator and control circuit compares an analog input volt-
age with the comparison voltage, and then stores the result in the
AD conversion registers 1, 2. When an A/D conversion is com-
pleted, the control circuit sets the AD conversion completion bit
and the AD interrupt request bit to “1”.
Note that because the comparator consists of a capacitor cou-
pling, set f(system clock) to 500 kHz or more during an A/D
conversion.
Fig. 132 Structure of AD control register
VREF
256
VREF
1024
Fig. 133 10-bit/8-bit reading
AD control register
(ADCON : address 003616)
AD conversion completion bit
0 : Conversion in progress
1 : Conversion completed
Analog input pin selection bits
0 0 0 : P10/DQ0/AN0
0 0 1 : P11/DQ1/AN1
0 1 0 : P12/DQ2/AN2
0 1 1 : P13/DQ3/AN3
1 0 0 : P14/DQ4/AN4
1 0 1 : P15/DQ5/AN5
1 1 0 : P16/DQ6/AN6
1 1 1 : P17/DQ7/AN7
Not used (indefinite at read)
(These bits are write disabled bits.)
b7
b0
10-bit reading
(Read address 003816 before 003716)
Note : Bits 2 to 7 of address 003816 become “0”
at reading.
b8
b7 b6 b5 b4 b3 b2 b1 b0
b7
b0
b9
b7
b0
b9 b8 b7 b6 b5 b4 b3 b2
b7
b0
0
(address 003816)
(address 003716)
8-bit reading
(Read only address 003716)
(address 003716)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com