Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

38K2 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 129Page - Renesas Technology Corp 38K2 Datasheet HTML 130Page - Renesas Technology Corp 38K2 Datasheet HTML 131Page - Renesas Technology Corp 38K2 Datasheet HTML 132Page - Renesas Technology Corp 38K2 Datasheet HTML 133Page - Renesas Technology Corp 38K2 Datasheet HTML 134Page - Renesas Technology Corp 38K2 Datasheet HTML 135Page - Renesas Technology Corp 38K2 Datasheet HTML 136Page - Renesas Technology Corp 38K2 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 114 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
Fig. 154 Pin connection diagram in standard serial I/O mode
P06
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
P61(LED1)
P62(LED2)
P63(LED3)
PVSS
D2+
P24
M38K29F8LFP/HP
PVCC
DVCC
USBVREF
TrON
D0+
D0-
D1-
D1+
D2-
P25
P07
P40/EXDREQ/RXD
P41/EXDACK/TXD
P42/EXTC/SCLK
P43/EXA1/SRDY
P30
P31
P32
P33/EXINT
P34/EXCS
P35/EXWR
P36/EXRD
P37/EXA0
P10/DQ0/AN0
P11/DQ1/AN1
Vcc
Vss
TXD
BUSY
RXD
SCLK
Mode setup method
Signal
Value
Connect to oscillator circuit.
Package outline: PLQP0064GA-A, PLQP0064KB-A
CNVss
4.5 to 5.25 V
SCLK
Vcc (Note 2)
RESET
Vss
→ Vcc
CE
Vcc (Note 2)
(Note 1)
Notes 1: Connect to Vcc in the case of Vcc = 4.5 V to 5.25 V.
Connect to VPP (= 4.5 V to 5.25 V) in the case of Vcc = 3.0 V to 4.5 V.
2: Supply Vcc at releasimg Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com