Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MDFB Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F3640MDFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MDFB Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F3640MDFB Datasheet HTML 35Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 36Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 37Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 38Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 39Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 40Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 41Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 42Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 18 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
4. Special Function Registers (SFRs)
4.
Special Function Registers (SFRs)
An SFR (Special Function Register) is a control register for a peripheral function. Tables 4.1 to 4.14 list SFR
information.
NOTES:
X: Undefined
1.
The blank areas are reserved and cannot be accessed by users.
2.
Software reset, watchdog timer reset, and oscillation stop detection reset do not affect bits PM01 and PM00 in the PM0 register, and registers
VCR1, VCR2, and VW0C.
3.
Oscillation stop detection reset do not affect bits CM20, CM21, and CM27.
4.
The CWR bit in the RSTFR register is set to 0 after brown-out reset. This bit does not change by any other reset.
Table 4.1
SFR Information (1) (1)
Address
Register
Symbol
After Reset
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
00000000b (CNVSS pin is “L”)
00000011b(CNVSS pin is “H”) (2)
0005h
Processor Mode Register 1
PM1
00001000b
0006h
System Clock Control Register 0
CM0
01001000b
0007h
System Clock Control Register 1
CM1
00100000b
0008h
Chip Select Control Register
CSR
00000001b
0009h
000Ah
Protect Register
PRCR
00h
000Bh
Data Bank Register
DBR
00h
000Ch
Oscillation Stop Detection Register
CM2
0X000010b (3)
000Dh
000Eh
000Fh
0010h
Program 2 Area Control Register
PRG2C
XXXXXXX0b
0011h
0012h
Peripheral Clock Select Register
PCLKR
00000011b
0013h
0014h
0015h
Clock Prescaler Reset Flag
CPSRF
0XXXXXXXb
0016h
0017h
0018h
Reset Source Determine Flag
RSTFR
0XXXXXXXb (4)
0019h
Voltage Detection 2 Circuit Flag Register
VCR1
00001000b (2)
001Ah
Voltage Detection Circuit Operation Enable Register
VCR2
000X0000b (Hardware reset 1)
001X0000b (Brown-out reset) (2)
001Bh
Chip Select Expansion Control Register
CSE
00h
001Ch
PLL Control Register 0
PLC0
0X01X010b
001Dh
001Eh
Processor Mode Register 2
PM2
XXX00X01b (2)
001Fh
Low Voltage Detection Interrupt Register
D4INT
00h
0020h
0021h
0022h
0023h
0024h
0025h
0026h
0027h
0028h
0029h
002Ah
Voltage Monitor 0 Circuit Control Register
VW0C
10001X10b (Hardware Reset 1)
11001X11b (Brown-out reset) (2)
002Bh
002Ch
002Dh
002Eh
002Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com