Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MDFB Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R5F3640MDFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MDFB Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R5F3640MDFB Datasheet HTML 92Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 93Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 94Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 95Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 96Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 97Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 98Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 99Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 75 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
10. Clock Generation Circuit
Figure 10.1
System Clock Generation Circuit
fC32
CM02, CM04, CM05, CM06, CM07 : bits in the CM0 register
CM10, CM11, CM14, CM16, CM17 : bits in the CM1 register
PCLK0, PCLK1 : bits in the PCLKR register
CM21, CM27
: bits in the CM2 register
XOUT
Main clock
oscillation circuit
fC
CM02
CM04
CM10 = 1 (stop mode)
Q
S
R
WAIT instruction
CM05
Q
S
R
fC
CPU clock
CM07=0
CM07=1
Divider
a
1/2
1/2
1/2
1/2
CM06 = 0
CM17 to CM16 = 00b
CM06 = 0
CM17 to CM16 = 01b
CM06 = 0
CM17 to CM16 = 10b
CM06 = 1
CM06 = 0
CM17 to CM16 = 11b
d
a
Details of the Divider
Subclock
oscillation circuit
XCIN
XCOUT
XIN
c
b
b
1/2
c
1/2
1/4
1/8
1/16
1/32
PLL
frequency
synthesizer
0
1
CM21=1
CM11
CM21=0
125 kHz
on-chip
oscillator
PLL
clock
Subclock
125 kHz
on-chip
oscillator
clock
BCLK
Main
clock
CLKOUT
PM01 to PM00 = 00b, CM01 to CM00 = 01b
PM01 to PM00 = 00b, CM01 to CM00 = 10b
CM01 to CM00 = 00b
I/O ports
PM01 to PM00 = 00b,
CM01 to CM00 = 11b
Oscillation
stop,
re-oscillation
detection
circuit
CM14
D4INT clock
fOCO-S
f8
f32
f1
1/32
d
Software reset
NMI
Interrupt request level judgement output
RESET
PM24
Brown-out reset
Watchdog timer reset
Oscillation stop detect reset
PM25
Oscillation stop
detection reset
Main
clock
Oscillation Stop, Re-Oscillation Detection Circuit
Oscillation stop,
re-oscillation
detection interrupt
signal
CM21 switch signal
CM27 = 0
CM27 = 1
Charge /
discharge
circuit
Reset
generating
circuit
Oscillation stop,
re-oscillation
detection interrupt
generating circuit
Pulse generation
circuit for clock
edge detection
and charge /
discharge control
Phase
comparator
Charge
pump
Voltage
control
oscillator
(VCO)
PLL clock
Main clock
Divider
1/32
Internal lowpass
filter
PLL Frequency Synthesizer
Reference
clock divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com