Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MDFB Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R5F3640MDFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MDFB Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F3640MDFB Datasheet HTML 78Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 79Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 80Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 81Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 82Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 83Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 84Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 85Page - Renesas Technology Corp R5F3640MDFB Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 61 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
8. Bus
8.2.9
External Bus Status When Internal Area IS Accessed
Table 8.7 shows the External Bus Status When Internal Area Accessed.
8.2.10
Software Wait
The PM17 bit in the PM1 register, which is a software-wait-related bit, has an influence over the internal
memory and the external area.
The SFR area is accessed in 2 BCLK or 3 BCLK cycles as determined by the PM20 bit in the PM2 reg-
ister. Data flash, one of the internal ROMs, is affected by the PM17 bit and the FMR17 bit in the FMR1
register. See Table 8.8 “Bits and Bus Cycles Related to Software Wait (SFR, Internal Memory)”
for details.
Software waits can be inserted to the external area by setting the PM17 bit or setting the CSiW bit in the
CSR register or bits CSEi1W to CSEi0W in the CSE register for each CSi (i = 0 to 3). To use the
RDY
signal, set the corresponding CSiW bit to 0 (with wait state). Refer to Table 8.9 “Bits and Bus Cycles
Related to Software Wait (External Area)”
for details.
Table 8.8 shows the Bits and Bus Cycles Related to Software Wait (SFR, Internal Memory), Figure 8.6
shows the CSE register, and Table 8.9 shows the Bits and Bus Cycles Related to Software Wait (Exter-
nal Area).
NOTES:
1.
The PM 20 bit is valid when the PLC07 bit in the PLC0 register is set to 1 (PLL operation).
2.
When 2.7 V
≤ VCC1 ≤ 3.0 V and f (BCLK) ≥ 16 MHz, or when 3.0 V < VCC1 ≤ 5.5 V and f (BCLK) ≥
20 MHz, 1 wait is necessary to read data flash. Use the PM17 bit or the FMR 17 bit to set 1 wait.
3.
Status after reset.
Table 8.7
External Bus Status When Internal Area Accessed
Item
SFR Accessed
Internal ROM, RAM Accessed
A0 to A19
Address output
Maintain the last accessed address of
external area or SFR
D0 to D15
When Read
High-impedance
High-impedance
When Write
Output data
Undefined
RD, WR, WRL, WRH
RD, WR, WRL, WRH output
Output “H”
BHE
BHE output
Maintain the last accessed status of exter-
nal area or SFR
CS0 to CS3
Output “H”
Output “H”
ALE
Output “L”
Output “L”
Table 8.8
Bits and Bus Cycles Related to Software Wait (SFR, Internal Memory)
Area
Setting of Software-Wait-related Bits
Soft-
ware
Wait
Bus cycle
PM2 Register
PM20 Bit (1)
FMR1 Register
FMR17 Bit
PM1 Register
PM17 Bit
SFR
1
--1 wait
2 BCLK cycles(3)
0
-
-
2 waits 3 BCLK cycles
Internal
RAM
--
0
No wait 1 BCLK cycle(3)
1
1 wait
2 BCLK cycles
Internal
ROM
Program ROM 1
Program ROM 2
--
0
No wait 1 BCLK cycle(3)
1
1 wait
2 BCLK cycles
Data Flash (2)
-0
-
1 wait
2 BCLK cycles(3)
1
0
No wait 1 BCLK cycle
1
1 wait
2 BCLK cycle
− indicates that either 0 or 1 can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com