Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2149 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 51Page - Renesas Technology Corp HD64F2149 Datasheet HTML 52Page - Renesas Technology Corp HD64F2149 Datasheet HTML 53Page - Renesas Technology Corp HD64F2149 Datasheet HTML 54Page - Renesas Technology Corp HD64F2149 Datasheet HTML 55Page - Renesas Technology Corp HD64F2149 Datasheet HTML 56Page - Renesas Technology Corp HD64F2149 Datasheet HTML 57Page - Renesas Technology Corp HD64F2149 Datasheet HTML 58Page - Renesas Technology Corp HD64F2149 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1075 page
background image
Section 1 Overview
Rev. 3.00 Jan 18, 2006 page 27 of 1044
REJ09B0280-0300
Pin No.
Type
Symbol
FP-100B,
TFP-100B TFP-144 I/O
Name and Function
LAD3–
LAD0
85–82
124–121 Input/
Ouput
Address/data: LPC command, address,
and data input/output pins.
Host
interface
(HIF:LPC) LFRAME
86
125
Input
LPC frame: Input pin that indicates the
start of an LPC cycle or forced termination
of an abnormal LPC cycle.
LRESET
87
126
Input
LPC reset: Input pin that indicates an LPC
reset.
LCLK
88
127
Input
LPC clock: The LPC clock input pin.
SERIRQ
89
128
Input/
Ouput
Serial host interrupt: Input/output pin for
LPC serialized host interrupts (HIRQ1,
HIRQ6, HIRQ9 to HIRQ12).
LSCI,
LSMI,
PME
90, 91, 93
119, 120,
129
Input/
Ouput
LSCI, LSMI, power management event:
LPC auxiliary output pins. Functionally,
they are general I/O ports.
GA20
94
130
Input/
Ouput
GATE A20: A20 gate control signal output
pin. Output state monitoring input is
possible.
CLKRUN
95
131
Input/
Ouput
LCLK clock run: Input/output pin that
requests the start of LCLK operation when
LCLK is stopped.
LPCPD
96
132
Input
LPC power-down: Input pin that controls
LPC module shutdown.
Keyboard
control
KIN0–
KIN15
26–29,
32–35,
48, 47, 31,
30, 21, 20,
11, 10
78–85,
41–37,
35–33
Input
Keyboard input: Matrix keyboard input
pins. P10 to P17 and P20 to P27 are used
as key-scan outputs. This allows a
maximum 16-output
× 16-input, 256-key
matrix to be configured.
WUE0–
WUE7
91, 90, 81,
80, 69, 68,
58, 57
120–113 Input
Wakeup event input: Wakeup event input
pins. These pins have a similar function to
the keyboard input pins, and allow the
same kind of wakeup as key-wakeup from
various sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com