Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2149 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 4Page - Renesas Technology Corp HD64F2149 Datasheet HTML 5Page - Renesas Technology Corp HD64F2149 Datasheet HTML 6Page - Renesas Technology Corp HD64F2149 Datasheet HTML 7Page - Renesas Technology Corp HD64F2149 Datasheet HTML 8Page - Renesas Technology Corp HD64F2149 Datasheet HTML 9Page - Renesas Technology Corp HD64F2149 Datasheet HTML 10Page - Renesas Technology Corp HD64F2149 Datasheet HTML 11Page - Renesas Technology Corp HD64F2149 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 1075 page
background image
Rev. 3.00 Jan 18, 2006 page viii of xxviii
Item
Page
Revision (See Manual for Details)
16.4 Usage Notes
551 to
558
Description added
• Notes on WAIT Function of the I
2C Bus Interface
• Notes on ICDR Reads and ICCR Access in Slave Transmit
Mode
• Notes on TRS Bit Setting in Slave Mode
• Notes on Arbitration Lost in I
2C Bus Interface
• Notes on Interrupt Occurrence after ACKB Reception
• Notes on TRS Bit Setting and ICDR Register Access in I
2C
Bus Interface
20.2.3 A/D Control
Register (ADCR)
668
Description amended
Bits 5 to 0 (Before) Reserved: Should always be written with 1.
→ (After) Reserved: Always be read as1, and cannot be
modified.
20.4.3 Input
Sampling and A/D
Conversion Time
Figure 20.5 A/D
Conversion Timing
676
Figure 20.5 amended
(1)
(2)
φ
Address
Write signal
24.2.2 Low-Power
Control Register
(LPWRCR)
753
Bit figure amended
7
DTON
0
R/W
6
LSON
0
R/W
5
NESEL
0
R/W
4
EXCLE
0
R/W
3
—
0
—
0
—
0
—
2
—
0
—
1
—
0
—
Bit
Initial value
Read/Write
24.5.1 Module Stop
Mode
Table 24.4 MSTP
Bits and
Corresponding On-
Chip Supporting
Modules
760
Module of MSTPCRL register amended
MSTO0 (Before) Host Interface (HIF: LPC), keyboard buffer
controller (PS2)
→ (After) Host Interface (HIF: LPC), wakeup
event interrupt mask register B (WUEMRB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com