Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2149 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 76Page - Renesas Technology Corp HD64F2149 Datasheet HTML 77Page - Renesas Technology Corp HD64F2149 Datasheet HTML 78Page - Renesas Technology Corp HD64F2149 Datasheet HTML 79Page - Renesas Technology Corp HD64F2149 Datasheet HTML 80Page - Renesas Technology Corp HD64F2149 Datasheet HTML 81Page - Renesas Technology Corp HD64F2149 Datasheet HTML 82Page - Renesas Technology Corp HD64F2149 Datasheet HTML 83Page - Renesas Technology Corp HD64F2149 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 1075 page
background image
Section 2 CPU
Rev. 3.00 Jan 18, 2006 page 52 of 1044
REJ09B0280-0300
2.6.3
Table of Instructions Classified by Function
Table 2.3 summarizes the instructions in each functional category. The notation used in table 2.3
is defined below.
Operation Notation
Rd
General register (destination)*
Rs
General register (source)*
Rn
General register*
ERn
General register (32-bit register)
(EAd)
Destination operand
(EAs)
Source operand
EXR
Extended control register
CCR
Condition-code register
N
N (negative) flag in CCR
Z
Z (zero) flag in CCR
V
V (overflow) flag in CCR
C
C (carry) flag in CCR
PC
Program counter
SP
Stack pointer
#IMM
Immediate data
disp
Displacement
+
Addition
–
Subtraction
×
Multiplication
÷
Division
∧
Logical AND
∨
Logical OR
⊕
Logical exclusive OR
→
Move
¬
NOT (logical complement)
:8/:16/:24/:32
8-, 16-, 24-, or 32-bit length
Note:
*
General registers include 8-bit registers (R0H to R7H, R0L to R7L), 16-bit registers (R0
to R7, E0 to E7), and 32-bit registers (ER0 to ER7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com