Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432351 Datasheet(PDF) 887 Page - Renesas Technology Corp

Part # HD6432351
Description  16-Bit Single-Chip Microcomputer
PDF  1025 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432351 Datasheet(HTML) 887 Page - Renesas Technology Corp

Back Button HD6432351 Datasheet HTML 883Page - Renesas Technology Corp HD6432351 Datasheet HTML 884Page - Renesas Technology Corp HD6432351 Datasheet HTML 885Page - Renesas Technology Corp HD6432351 Datasheet HTML 886Page - Renesas Technology Corp HD6432351 Datasheet HTML 887Page - Renesas Technology Corp HD6432351 Datasheet HTML 888Page - Renesas Technology Corp HD6432351 Datasheet HTML 889Page - Renesas Technology Corp HD6432351 Datasheet HTML 890Page - Renesas Technology Corp HD6432351 Datasheet HTML 891Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 887 / 1025 page
background image
Appendix B Internal I/O Register
Rev. 3.00 Sep 15, 2006 page 853 of 988
REJ09B0330-0300
IOAR1A—I/O Address Register 1A
H'FEF4
DMAC
0
*
R/W
2
*
R/W
1
*
R/W
3
*
R/W
4
*
R/W
5
*
R/W
6
*
R/W
7
*
R/W
8
*
R/W
9
*
R/W
10
*
R/W
11
*
R/W
12
*
R/W
13
*
R/W
14
*
R/W
15
*
R/W
*: Undefined
In short address mode: Specifies transfer source/transfer destination address
In full address mode: Not used
Bit
IOAR1A
Initial value
Read/Write
:
:
:
:
ETCR1A—Transfer Count Register 1A
H'FEF6
DMAC
0
*
R/W
2
*
R/W
1
*
R/W
3
*
R/W
4
*
R/W
5
*
R/W
6
*
R/W
7
*
R/W
8
*
R/W
9
*
R/W
10
*
R/W
11
*
R/W
12
*
R/W
13
*
R/W
14
*
R/W
15
*
R/W
*: Undefined
Transfer counter
Sequential mode
Idle mode
Normal mode
Repeat mode
Block transfer mode
Transfer number storage register
Transfer counter
Block size storage register
Block size counter
Bit
ETCR1A
Initial value
Read/Write
:
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com