Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432148SW Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 218Page - Renesas Technology Corp HD6432148SW Datasheet HTML 219Page - Renesas Technology Corp HD6432148SW Datasheet HTML 220Page - Renesas Technology Corp HD6432148SW Datasheet HTML 221Page - Renesas Technology Corp HD6432148SW Datasheet HTML 222Page - Renesas Technology Corp HD6432148SW Datasheet HTML 223Page - Renesas Technology Corp HD6432148SW Datasheet HTML 224Page - Renesas Technology Corp HD6432148SW Datasheet HTML 225Page - Renesas Technology Corp HD6432148SW Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 1177 page
background image
Section 6 Bus Controller
Rev. 4.00 Sep 27, 2006 page 178 of 1130
REJ09B0327-0400
6.7.3
Bus Transfer Timing
Even if a bus request is received from a bus master with a higher priority than that of the bus
master that has acquired the bus and is currently operating, the bus is not necessarily transferred
immediately. There are specific times at which each bus master can relinquish the bus.
CPU
The CPU is the lowest-priority bus master, and if a bus request is received from the DTC, the bus
arbiter transfers the bus to the DTC. The timing for transfer of the bus is as follows:
• The bus is transferred at a break between bus cycles. However, if a bus cycle is executed in
discrete operations, as in the case of a longword-size access, the bus is not transferred between
the operations.
See appendix A.5, Bus States during Instruction Execution, for timings at which the bus is not
transferred.
• If the CPU is in sleep mode, it transfers the bus immediately.
DTC
The DTC sends the bus arbiter a request for the bus when an activation request is generated.
The DTC does not release the bus until it has completed a series of processing operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com