| Electronic Components Datasheet Search |
|
HD6432148SW Datasheet(PDF) 230 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432148SW Datasheet(HTML) 230 Page - Renesas Technology Corp |
|
230 / 1177 page ![]() Section 7 Data Transfer Controller (DTC) Rev. 4.00 Sep 27, 2006 page 186 of 1130 REJ09B0327-0400 7.2.5 DTC Transfer Count Register A (CRA) 15 14 13 12 11 10 9 8 76543210 CRAH CRAL Bit Initial value — Unde- fined Read/Write — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined CRA is a 16-bit register that designates the number of times data is to be transferred by the DTC. In normal mode, the entire CRA register functions as a 16-bit transfer counter (1 to 65,536). It is decremented by 1 every time data is transferred, and transfer ends when the count reaches H'0000. In repeat mode or block transfer mode, CRA is divided into two parts: the upper 8 bits (CRAH) and the lower 8 bits (CRAL). CRAH holds the number of transfers while CRAL functions as an 8-bit transfer counter (1 to 256). CRAL is decremented by 1 every time data is transferred, and the contents of CRAH are transferred when the count reaches H'00. This operation is repeated. 7.2.6 DTC Transfer Count Register B (CRB) 15 14 13 12 11 10 9 8 76543210 Bit Initial value — — — — —— — — —— — — —— — — Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined Read/Write CRB is a 16-bit register that designates the number of times data is to be transferred by the DTC in block transfer mode. It functions as a 16-bit transfer counter (1 to 65,536) that is decremented by 1 every time data is transferred, and transfer ends when the count reaches H'0000. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |