Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432148SW Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 317Page - Renesas Technology Corp HD6432148SW Datasheet HTML 318Page - Renesas Technology Corp HD6432148SW Datasheet HTML 319Page - Renesas Technology Corp HD6432148SW Datasheet HTML 320Page - Renesas Technology Corp HD6432148SW Datasheet HTML 321Page - Renesas Technology Corp HD6432148SW Datasheet HTML 322Page - Renesas Technology Corp HD6432148SW Datasheet HTML 323Page - Renesas Technology Corp HD6432148SW Datasheet HTML 324Page - Renesas Technology Corp HD6432148SW Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 277 of 1130
REJ09B0327-0400
Pin
Selection Method and Pin Functions
PB1/D1/HIRQ4
The pin function is switched as shown below according to the combination of
the operating mode, bits HI12E and CS4E in SYSCR2, bit ABW in WSCR, and
bit PB1DDR.
Operating
mode
Modes 1, 2, 3
(EXPE = 1)
Modes 2, 3
(EXPE = 0)
HI12E
—
Either cleared to 0
1
CS4E
—
1
ABW
0
1
——
PB1DDR
—
010
1
—
Pin function
D1
I/O pin
PB1
input pin
PB1
output pin
PB1
input pin
PB1
output pin
HIRQ4
output pin
PB0/D0/HIRQ3
The pin function is switched as shown below according to the combination of
the operating mode, bits HI12E and CS3E in SYSCR2, bit ABW in WSCR, and
bit PB0DDR.
Operating
mode
Modes 1, 2, 3
(EXPE = 1)
Modes 2, 3
(EXPE = 0)
HI12E
—
Either cleared to 0
1
CS3E
—
1
ABW
0
1
——
PB0DDR
—
010
1
—
Pin function
D0
I/O pin
PB0
input pin
PB0
output pin
PB0
input pin
PB0
output pin
HIRQ3
output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com