| Electronic Components Datasheet Search |
|
HD6432137SW Datasheet(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432137SW Datasheet(HTML) 40 Page - Renesas Technology Corp |
|
40 / 1061 page ![]() Rev. 4.00 Jun 06, 2006 page xl of liv Figure 15.8 Example of SCI Operation in Reception (Example with 8-Bit Data, Parity, One Stop Bit) .............................................. 429 Figure 15.9 Example of Inter-Processor Communication Using Multiprocessor Format (Transmission of Data H'AA to Receiving Station A) ...................................... 431 Figure 15.10 Sample Multiprocessor Serial Transmission Flowchart .................................... 432 Figure 15.11 Example of SCI Operation in Transmission (Example with 8-Bit Data, Multiprocessor Bit, One Stop Bit) .......................... 434 Figure 15.12 Sample Multiprocessor Serial Reception Flowchart.......................................... 435 Figure 15.13 Example of SCI Operation in Reception (Example with 8-Bit Data, Multiprocessor Bit, One Stop Bit) .......................... 437 Figure 15.14 Data Format in Synchronous Communication................................................... 438 Figure 15.15 Sample SCI Initialization Flowchart ................................................................. 440 Figure 15.16 Sample Serial Transmission Flowchart ............................................................. 441 Figure 15.17 Example of SCI Operation in Transmission ...................................................... 443 Figure 15.18 Sample Serial Reception Flowchart................................................................... 444 Figure 15.19 Example of SCI Operation in Reception ........................................................... 445 Figure 15.20 Sample Flowchart of Simultaneous Serial Transmit and Receive Operations... 446 Figure 15.21 Block Diagram of IrDA Function...................................................................... 447 Figure 15.22 IrDA Transmit/Receive Operations ................................................................... 448 Figure 15.23 Receive Data Sampling Timing in Asynchronous Mode .................................. 453 Figure 15.24 Example of Synchronous Transmission by DTC .............................................. 454 Section 16 I 2C Bus Interface [H8S/2138 Group Option] Figure 16.1 Block Diagram of I 2C Bus Interface .................................................................. 457 Figure 16.2 I 2C Bus Interface Connections (Example: H8S/2138 Group Chip as Master)... 458 Figure 16.3 I 2C Bus Data Formats (I2C Bus Formats)........................................................... 485 Figure 16.4 Formatless.......................................................................................................... 486 Figure 16.5 I 2C Bus Data Format (Serial Format) ................................................................ 486 Figure 16.6 I 2C Bus Timing .................................................................................................. 486 Figure 16.7 Example of Master Transmit Mode Operation Timing (MLS = WAIT = 0)..... 489 Figure 16.8 (a) Example of Master Receive Mode Operation Timing (MLS = ACKB = 0, WAIT = 1) ........................................................................ 491 Figure 16.8 (b) Example of Master Receive Mode Operation Timing (MLS = ACKB = 0, WAIT = 1) (cont).............................................................. 491 Figure 16.9 Example of Slave Receive Mode Operation Timing (1) (MLS = ACKB = 0) .. 493 Figure 16.10 Example of Slave Receive Mode Operation Timing (2) (MLS = ACKB = 0) .. 494 Figure 16.11 Example of Slave Transmit Mode Operation Timing (MLS = 0)...................... 496 Figure 16.12 IRIC Setting Timing and SCL Control .............................................................. 497 Figure 16.13 Block Diagram of Noise Canceler ..................................................................... 500 Figure 16.14 Flowchart for Master Transmit Mode (Example).............................................. 501 Figure 16.15 Flowchart for Master Receive Mode (Example) ............................................... 502 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |