| Electronic Components Datasheet Search |
|
HD6432137SW Datasheet(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432137SW Datasheet(HTML) 44 Page - Renesas Technology Corp |
|
44 / 1061 page ![]() Rev. 4.00 Jun 06, 2006 page xliv of liv Figure 25.9 Interrupt Input Timing ....................................................................................... 802 Figure 25.10 Basic Bus Timing (Two-State Access).............................................................. 803 Figure 25.11 Basic Bus Timing (Three-State Access)............................................................ 804 Figure 25.12 Basic Bus Timing (Three-State Access with One Wait State)........................... 805 Figure 25.13 Burst ROM Access Timing (Two-State Access) ............................................... 806 Figure 25.14 Burst ROM Access Timing (One-State Access)................................................ 807 Figure 25.15 I/O Port Input/Output Timing............................................................................ 807 Figure 25.16 FRT Input/Output Timing ................................................................................. 808 Figure 25.17 FRT Clock Input Timing ................................................................................... 808 Figure 25.18 8-Bit Timer Output Timing ............................................................................... 808 Figure 25.19 8-Bit Timer Clock Input Timing ....................................................................... 809 Figure 25.20 8-Bit Timer Reset Input Timing ........................................................................ 809 Figure 25.21 PWM, PWMX Output Timing .......................................................................... 809 Figure 25.22 SCK Clock Input Timing................................................................................... 809 Figure 25.23 SCI Input/Output Timing (Synchronous Mode) ................................................ 810 Figure 25.24 A/D Converter External Trigger Input Timing.................................................. 810 Figure 25.25 Host Interface Timing........................................................................................ 811 Figure 25.26 I 2C Bus Interface Input/Output Timing (Option)............................................... 812 Appendix A Instruction Set Figure A.1 Address Bus, RD and WR Timing (8-Bit Bus, Three-State Access, No Wait States).................................................................................................. 863 Appendix C I/O Port Block Diagrams Figure C.1 Port 1 Block Diagram ........................................................................................ 965 Figure C.2 Port 2 Block Diagram (Pins P20 to P23) ........................................................... 966 Figure C.3 Port 2 Block Diagram (Pins P24 to P26) ........................................................... 967 Figure C.4 Port 2 Block Diagram (Pin P27)........................................................................ 968 Figure C.5 Port 3 Block Diagram ........................................................................................ 969 Figure C.6 Port 4 Block Diagram (Pin P40)........................................................................ 970 Figure C.7 Port 4 Block Diagram (Pin P41)........................................................................ 971 Figure C.8 Port 4 Block Diagram (Pin P42)........................................................................ 972 Figure C.9 Port 4 Block Diagram (Pin P43)........................................................................ 973 Figure C.10 Port 4 Block Diagram (Pin P44)........................................................................ 974 Figure C.11 Port 4 Block Diagram (Pin P45)........................................................................ 975 Figure C.12 Port 4 Block Diagram (Pins P46, P47) .............................................................. 976 Figure C.13 Port 5 Block Diagram (Pin P50)........................................................................ 977 Figure C.14 Port 5 Block Diagram (Pin P51)........................................................................ 978 Figure C.15 Port 5 Block Diagram (Pin P52)........................................................................ 979 Figure C.16 Port 6 Block Diagram (Pins P60, P62, P63, P65).............................................. 980 Figure C.17 Port 6 Block Diagram (Pin P61)........................................................................ 981 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |