Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21183SP Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # R5F21183SP
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21183SP Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button R5F21183SP Datasheet HTML 54Page - Renesas Technology Corp R5F21183SP Datasheet HTML 55Page - Renesas Technology Corp R5F21183SP Datasheet HTML 56Page - Renesas Technology Corp R5F21183SP Datasheet HTML 57Page - Renesas Technology Corp R5F21183SP Datasheet HTML 58Page - Renesas Technology Corp R5F21183SP Datasheet HTML 59Page - Renesas Technology Corp R5F21183SP Datasheet HTML 60Page - Renesas Technology Corp R5F21183SP Datasheet HTML 61Page - Renesas Technology Corp R5F21183SP Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 257 page
background image
R8C/18 Group, R8C/19 Group
7. Voltage Detection Circuit
Rev.1.30
Apr 14, 2006
Page 43 of 233
REJ09B0222-0130
Figure 7.4
Registers VCA1 and VCA2
Voltage Detection Register 1
Symbol
Address
After Reset(2)
VCA1
0031h
00001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
The VCA13 bit is enabled w hen the VCA27 bit in the VCA2 register is set to 1 (voltage detection 2 circuit enabled).
The VCA13 bit is set to 1 (VCC
≥ Vdet 2) w hen the VCA27 bit in the VCA2 register is set to 0 (voltage detection 2
circuit disabled).
—
(b7-b4)
Reserved bits
Set to 0.
RW
Set to 0.
0
b7 b6 b5 b4 b3 b2 b1 b0
0000
The softw are reset, w atchdog timer reset, and voltage monitor 2 reset do not affect this register.
VCA13
Voltage detection 2 signal monitor
flag(1)
00
—
(b2-b0)
RW
0 : VCC < Vdet2
1 : VCC
≥ Vdet2 or voltage detection 2
circuit disabled
RO
Reserved bits
Voltage Detection Register 2
(1)
After Reset(4)
Symbol
Address
Hardw are reset : 00h
VCA2
0032h
Pow er-on reset, voltage monitor 1 reset
: 01000000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
b7 b6 b5 b4 b3 b2 b1 b0
000000
—
(b5-b0)
Reserved bits
Set to 0.
RW
VCA26
Voltage detection 1 enable bit(2)
0 : Voltage detection 1 circuit disabled
1 : Voltage detection 1 circuit enabled
RW
VCA27
Voltage detection 1 enable bit(3)
0 : Voltage detection 2 circuit disabled
1 : Voltage detection 2 circuit enabled
RW
Set the PRC3 bit in the PRCR register to 1 (w rite enable) before w riting to this register.
To use the voltage monitor 1 reset, set the VCA26 bit to 1.
After the VCA26 bit is set to 1 from 0, the voltage detection circuit w aits for td(E-A) to elapse before starting
operation.
To use the voltage monitor 2 interrupt/reset or the VCA13 bit in the VCA1 register, set the VCA27 bit to 1.
After the VCA27 bit is set to 1 from 0, the voltage detection circuit w aits for td(E-A) to elapse before starting
operation.
Softw are reset, w atchdog timer reset, and voltage monitor 2 reset do not affect this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com