| Electronic Components Datasheet Search |
|
M16C/1N Datasheet(PDF) 60 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N Datasheet(HTML) 60 Page - Renesas Technology Corp |
|
60 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 48 of 222 M16C/1N Group 10. Interrupt REJ09B0007-0100Z Interrupt source Vector table addresses Remarks Address (L) to address (H) Undefined instruction FFFDC16 to FFFDF16 Interrupt on UND instruction Overflow FFFE016 to FFFE316 Interrupt on INTO instruction BRK instruction FFFE416 to FFFE716 If the vector is filled with FF16, program execution starts from the address shown by the vector in the variable vector table Address match FFFE816 to FFFEB16 There is an address-matching interrupt enable bit Single step (Note 1) FFFEC16 to FFFEF16 Do not use Oscillation stop detection/ FFFF016 to FFFF316 Watchdog timer ________ DBC (Note 1) FFFF416 to FFFF716 Do not use UART0 reception (Note 1) FFFF816 to FFFFB16 Do not use Reset FFFFC16 to FFFFF16 Note 1: Interrupts used for debugging purposes only. Mid address Low address 0 0 0 0 High address 0 0 0 0 0 0 0 0 Vector address + 0 Vector address + 1 Vector address + 2 Vector address + 3 LSB MSB 10.1.4 Interrupts and Interrupt Vector Tables If an interrupt request is accepted, a program branches to the interrupt routine set in the interrupt vector table. Set the first address of the interrupt routine in each vector table. Figure 10.2 shows format for specifying interrupt vector addresses. Two types of interrupt vector tables are available — fixed vector table in which addresses are fixed and variable vector table in which addresses can be varied by the setting. Figure 10.2 Format for specifying interrupt vector addresses 10.1.4.1 Fixed Vector Tables The fixed vector table is a table in which addresses are fixed. The vector tables are located in an area extending from FFFDC16 to FFFFF16. One vector table comprises four bytes. Set the first address of interrupt routine in each vector table. Table 10.1 lists the interrupts assigned to the fixed vector tables and addresses of vector tables. Table 10.1 Interrupt and fixed vector address |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |