| Electronic Components Datasheet Search |
|
M16C/1N Datasheet(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N Datasheet(HTML) 69 Page - Renesas Technology Corp |
|
69 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 57 of 222 M16C/1N Group 10. Interrupt REJ09B0007-0100Z (2) Stack pointer (SP) contains odd number [SP] (Odd) [SP] - 1 (Even) [SP] - 2 (Odd) [SP] - 3 (Even) [SP] - 4 (Odd) [SP] - 5 (Even) Address Sequence in which order registers are saved (2) (1) Finished saving registers in four operations. (3) (4) (1) Stack pointer (SP) contains even number [SP] (Even) [SP] - 1 (Odd) [SP] - 2 (Even) [SP] - 3 (Odd) [SP] - 4 (Even) [SP] - 5 (Odd) Address Program counter (PCM) Stack area Flag register (FLGL) Program counter (PCL) Sequence in which order registers are saved Finished saving registers in two operations. Program counter (PCM) Stack area Flag register (FLG Program counter (PCL) Saved simultaneously, all 8 bits Flag register (FLGH) Program counter (PCH) Flag register (FLGH) Program counter (PCH) (2) Saved simultaneously, all 16 bits (1) Saved simultaneously, all 16 bits Note 1: [SP] denotes the initial value of the stack pointer (SP) when interrupt request is acknowledged. After registers are saved, the SP content is [SP] minus 4. The operation of saving registers carried out in the interrupt sequence is dependent on whether the content of the stack pointer (Note 1), at the time of acceptance of an interrupt request, is even or odd. If the content of the stack pointer (Note 1) is even, the content of the flag register (FLG) and the content of the program counter (PC) are saved, 16 bits at a time. If odd, their contents are saved in two steps, 8 bits at a time. Figure 10.7 shows the operation of the saving registers. Note 1: This is the stack pointer indicated by the U flag. Figure 10.7 Operation of saving registers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |