Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 483 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 483 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 479Page - Renesas Technology Corp SH7052 Datasheet HTML 480Page - Renesas Technology Corp SH7052 Datasheet HTML 481Page - Renesas Technology Corp SH7052 Datasheet HTML 482Page - Renesas Technology Corp SH7052 Datasheet HTML 483Page - Renesas Technology Corp SH7052 Datasheet HTML 484Page - Renesas Technology Corp SH7052 Datasheet HTML 485Page - Renesas Technology Corp SH7052 Datasheet HTML 486Page - Renesas Technology Corp SH7052 Datasheet HTML 487Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 919 page
background image
457
The bit rate error in asynchronous mode is calculated as follows:
Error (%) =
– 1
× 100
(N + 1)
× B × 64 × 22n–1
φ
P
× 106
Table 14.3
Bit Rates and BRR Settings in Asynchronous Mode
P
φφφφ (MHz)
Bit Rate
10
11.0592
12
(Bits/s)
n
N
Error (%)
n
N
Error (%)
n
N
Error (%)
110
2
177
–0.25
2
195
0.19
2
212
0.03
150
2
129
0.16
2
143
0.00
2
155
0.16
300
2
64
0.16
2
71
0.00
2
77
0.16
600
1
129
0.16
1
143
0.00
1
155
0.16
1200
1
64
0.16
1
71
0.00
1
77
0.16
2400
0
129
0.16
0
143
0.00
0
155
0.16
4800
0
64
0.16
0
71
0.00
0
77
0.16
9600
0
32
–1.36
0
35
0.00
0
28
0.16
14400
0
21
–1.36
0
23
0.00
0
25
0.16
19200
0
15
1.73
0
19
0.00
0
19
–2.34
28800
0
10
–1.36
0
11
0.00
0
12
0.16
31250
0
9
0.00
0
10
0.54
0
11
0.00
38400
0
7
1.73
0
8
0.00
0
9
–2.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com