Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 479 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 479 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 475Page - Renesas Technology Corp SH7052 Datasheet HTML 476Page - Renesas Technology Corp SH7052 Datasheet HTML 477Page - Renesas Technology Corp SH7052 Datasheet HTML 478Page - Renesas Technology Corp SH7052 Datasheet HTML 479Page - Renesas Technology Corp SH7052 Datasheet HTML 480Page - Renesas Technology Corp SH7052 Datasheet HTML 481Page - Renesas Technology Corp SH7052 Datasheet HTML 482Page - Renesas Technology Corp SH7052 Datasheet HTML 483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 919 page
background image
453
• Bit 6—Receive Data Register Full (RDRF): Indicates that RDR contains received data.
Bit 6: RDRF
Description
0
RDR does not contain valid receive data
(Initial value)
[Clearing conditions]
• Power-on reset, hardware standby mode, or software standby mode
• When 0 is written to RDRF after reading RDRF = 1
• When the DMAC reads data from RDR
1
RDR contains valid received data
[Setting condition]
RDRF is set to 1 when serial data is received normally and transferred from RSR
to RDR
Note:
RDR and RDRF are not affected by detection of receive errors or by clearing of the RE bit
to 0 in the serial control register. They retain their previous contents. If RDRF is still set to 1
when reception of the next data ends, an overrun error (ORER) occurs and the receive data
is lost.
• Bit 5—Overrun Error (ORER): Indicates that data reception ended abnormally due to an
overrun error.
Bit 5: ORER
Description
0
Receiving is in progress or has ended normally
(Initial value)
Clearing the RE bit to 0 in the serial control register does not affect the ORER bit,
which retains its previous value.
[Clearing conditions]
• Power-on reset, hardware standby mode, or software standby mode
• When 0 is written to ORER after reading ORER = 1
1
A receive overrun error occurred
RDR continues to hold the data received before the overrun error, so subsequent
receive data is lost. Serial receiving cannot continue while ORER is set to 1. In
synchronous mode, serial transmitting is disabled.
[Setting condition]
ORER is set to 1 if reception of the next serial data ends when RDRF is set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com