Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 476 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 476 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 472Page - Renesas Technology Corp SH7052 Datasheet HTML 473Page - Renesas Technology Corp SH7052 Datasheet HTML 474Page - Renesas Technology Corp SH7052 Datasheet HTML 475Page - Renesas Technology Corp SH7052 Datasheet HTML 476Page - Renesas Technology Corp SH7052 Datasheet HTML 477Page - Renesas Technology Corp SH7052 Datasheet HTML 478Page - Renesas Technology Corp SH7052 Datasheet HTML 479Page - Renesas Technology Corp SH7052 Datasheet HTML 480Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 919 page
background image
450
• Bit 3—Multiprocessor Interrupt Enable (MPIE): Enables or disables multiprocessor interrupts.
The MPIE setting is used only in asynchronous mode, and only if the multiprocessor mode bit
(MP) in the serial mode register (SMR) is set to 1 during reception. The MPIE setting is
ignored in synchronous mode or when the MP bit is cleared to 0.
Bit 3: MPIE
Description
0
Multiprocessor interrupts are disabled (normal receive operation)
(Initial value)
[Clearing conditions]
• When the MPIE bit is cleared to 0
• When data with MPB = 1 is received
1
Multiprocessor interrupts are enabled. Receive-data-full interrupt
requests (RXI), receive-error interrupt requests (ERI), and setting of the
RDRF, FER, and ORER status flags in the serial status register (SSR)
are disabled until data with the multiprocessor bit set to 1 is received.
The SCI does not transfer receive data from RSR to RDR, does not
detect receive errors, and does not set the RDRF, FER, and ORER
flags in the serial status register (SSR). When it receives data that
includes MPB = 1, MPB is set to 1, and the SCI automatically clears
MPIE to 0, generates RXI and ERI interrupts (if the TIE and RIE bits in
SCR are set to 1), and allows the FER and ORER bits to be set.
• Bit 2—Transmit-End Interrupt Enable (TEIE): Enables or disables the transmit-end interrupt
(TEI) requested if TDR does not contain valid transmit data when the MSB is transmitted.
Bit 2: TEIE
Description
0
Transmit-end interrupt (TEI) requests are disabled*
(Initial value)
1
Transmit-end interrupt (TEI) requests are enabled*
Note: * The TEI request can be cleared by reading the TDRE bit in the serial status register (SSR)
after it has been set to 1, then clearing TDRE to 0 and clearing the transmit end (TEND) bit
to 0; or by clearing the TEIE bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com