Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 478 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 474Page - Renesas Technology Corp SH7052 Datasheet HTML 475Page - Renesas Technology Corp SH7052 Datasheet HTML 476Page - Renesas Technology Corp SH7052 Datasheet HTML 477Page - Renesas Technology Corp SH7052 Datasheet HTML 478Page - Renesas Technology Corp SH7052 Datasheet HTML 479Page - Renesas Technology Corp SH7052 Datasheet HTML 480Page - Renesas Technology Corp SH7052 Datasheet HTML 481Page - Renesas Technology Corp SH7052 Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 919 page
background image
452
14.2.7
Serial Status Register (SSR)
The serial status register (SSR) is an 8-bit register containing multiprocessor bit values, and status
flags that indicate the SCI operating status.
The CPU can always read and write to SSR, but cannot write 1 in the status flags (TDRE, RDRF,
ORER, PER, and FER). These flags can be cleared to 0 only if they have first been read (after
being set to 1). Bits 2 (TEND) and 1 (MPB) are read-only bits that cannot be written. SSR is
initialized to H'84 by a power-on reset, and in hardware standby mode and software standby mode.
It is not initialized by a manual reset.
Bit:
7
6
5
4
3
2
1
0
TDRE
RDRF
ORER
FER
PER
TEND
MPB
MPBT
Initial value:
1
0
0
0
0
1
0
0
R/W:
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R/(W)*
R
R
R/W
Note: * The only value that can be written is a 0 to clear the flag.
• Bit 7—Transmit Data Register Empty (TDRE): Indicates that the SCI has loaded transmit data
from TDR into TSR and new serial transmit data can be written in TDR.
Bit 7: TDRE
Description
0
TDR contains valid transmit data
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When the DMAC writes data in TDR
1
TDR does not contain valid transmit data
(Initial value)
[Setting conditions]
• Power-on reset, hardware standby mode, or software standby mode
• When the TE bit in SCR is 0
• When data is transferred from TDR to TSR, enabling new data to be written in
TDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com