Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 476Page - Renesas Technology Corp SH7052 Datasheet HTML 477Page - Renesas Technology Corp SH7052 Datasheet HTML 478Page - Renesas Technology Corp SH7052 Datasheet HTML 479Page - Renesas Technology Corp SH7052 Datasheet HTML 480Page - Renesas Technology Corp SH7052 Datasheet HTML 481Page - Renesas Technology Corp SH7052 Datasheet HTML 482Page - Renesas Technology Corp SH7052 Datasheet HTML 483Page - Renesas Technology Corp SH7052 Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 919 page
background image
454
• Bit 4—Framing Error (FER): Indicates that data reception ended abnormally due to a framing
error in asynchronous mode.
Bit 4: FER
Description
0
Receiving is in progress or has ended normally
(Initial value)
Clearing the RE bit to 0 in the serial control register does not affect the FER bit,
which retains its previous value.
[Clearing conditions]
• Power-on reset, hardware standby mode, or software standby mode
• When 0 is written to FER after reading FER = 1
1
A receive framing error occurred
When the stop bit length is two bits, only the first bit is checked to see if it is a 1.
The second stop bit is not checked. When a framing error occurs, the SCI
transfers the receive data into RDR but does not set RDRF. Serial receiving
cannot continue while FER is set to 1. In synchronous mode, serial transmitting is
also disabled.
[Setting condition]
FER is set to 1 if the stop bit at the end of receive data is checked and found to
be 0
• Bit 3—Parity Error (PER): Indicates that data reception (with parity) ended abnormally due to
a parity error in asynchronous mode.
Bit 3: PER
Description
0
Receiving is in progress or has ended normally
(Initial value)
Clearing the RE bit to 0 in the serial control register does not affect the PER bit,
which retains its previous value.
[Clearing conditions]
• Power-on reset, hardware standby mode, or software standby mode
• When 0 is written to PER after reading PER = 1
1
A receive parity error occurred
When a parity error occurs, the SCI transfers the receive data into RDR but does
not set RDRF. Serial receiving cannot continue while PER is set to 1.
[Setting condition]
PER is set to 1 if the number of 1s in receive data, including the parity bit, does
not match the even or odd parity setting of the parity mode bit (O/
E) in the serial
mode register (SMR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com