Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 634 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 634 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 630Page - Renesas Technology Corp SH7052 Datasheet HTML 631Page - Renesas Technology Corp SH7052 Datasheet HTML 632Page - Renesas Technology Corp SH7052 Datasheet HTML 633Page - Renesas Technology Corp SH7052 Datasheet HTML 634Page - Renesas Technology Corp SH7052 Datasheet HTML 635Page - Renesas Technology Corp SH7052 Datasheet HTML 636Page - Renesas Technology Corp SH7052 Datasheet HTML 637Page - Renesas Technology Corp SH7052 Datasheet HTML 638Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 634 / 919 page
background image
608
Port A Control Register H (PACRH)
Bit:
15
14
13
12
11
10
9
8
—
PA15MD
—
PA14MD
—
PA13MD
—
PA12MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R
R/W
R
R/W
R
R/W
Bit:
7
6
5
4
3
2
1
0
—
PA11MD
—
PA10MD
—
PA9MD
—
PA8MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R
R/W
R
R/W
R
R/W
• Bit 15—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 14—PA15 Mode Bit (PA15MD): Selects the function of pin PA15/RxD0.
Bit 14: PA15MD
Description
0
General input/output (PA15)
(Initial value)
1
Receive data input (RxD0)
• Bit 13—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 12—PA14 Mode Bit (PA14MD): Selects the function of pin PA14/TxD0.
Bit 12: PA14MD
Description
0
General input/output (PA14)
(Initial value)
1
Transmit data output (TxD0)
• Bit 11—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 10—PA13 Mode Bit (PA13MD): Selects the function of pin PA13/TIO5B.
Bit 10: PA13MD
Description
0
General input/output (PA13)
(Initial value)
1
ATU input capture input/output compare output (TIO5B)
• Bit 9—Reserved: This bit always reads 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com