Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 637 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 637 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 633Page - Renesas Technology Corp SH7052 Datasheet HTML 634Page - Renesas Technology Corp SH7052 Datasheet HTML 635Page - Renesas Technology Corp SH7052 Datasheet HTML 636Page - Renesas Technology Corp SH7052 Datasheet HTML 637Page - Renesas Technology Corp SH7052 Datasheet HTML 638Page - Renesas Technology Corp SH7052 Datasheet HTML 639Page - Renesas Technology Corp SH7052 Datasheet HTML 640Page - Renesas Technology Corp SH7052 Datasheet HTML 641Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 637 / 919 page
background image
611
• Bit 8—PA4 Mode Bit (PA4MD): Selects the function of pin PA4/TIO3A.
Bit 8: PA4MD
Description
0
General input/output (PA4)
(Initial value)
1
ATU input capture input/output compare output (TIO3A)
• Bit 7—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 6—PA3 Mode Bit (PA3MD): Selects the function of pin PA3/TI0D.
Bit 6: PA3MD
Description
0
General input/output (PA3)
(Initial value)
1
ATU input capture input (TI0D)
• Bit 5—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 4—PA2 Mode Bit (PA2MD): Selects the function of pin PA2/TI0C.
Bit 4: PA2MD
Description
0
General input/output (PA2)
(Initial value)
1
ATU input capture input (TI0C)
• Bit 3—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 2—PA1 Mode Bit (PA1MD): Selects the function of pin PA1/TI0B.
Bit 2: PA1MD
Description
0
General input/output (PA1)
(Initial value)
1
ATU input capture input (TI0B)
• Bit 1—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 0—PA0 Mode Bit (PA0MD): Selects the function of pin PA0/TI0A.
Bit 0: PA1MD
Description
0
General input/output (PA0)
(Initial value)
1
ATU input capture input (TI0A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com