Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 640 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 640 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 636Page - Renesas Technology Corp SH7052 Datasheet HTML 637Page - Renesas Technology Corp SH7052 Datasheet HTML 638Page - Renesas Technology Corp SH7052 Datasheet HTML 639Page - Renesas Technology Corp SH7052 Datasheet HTML 640Page - Renesas Technology Corp SH7052 Datasheet HTML 641Page - Renesas Technology Corp SH7052 Datasheet HTML 642Page - Renesas Technology Corp SH7052 Datasheet HTML 643Page - Renesas Technology Corp SH7052 Datasheet HTML 644Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 640 / 919 page
background image
614
• Bit 10—PB13 Mode Bit (PB13MD): Selects the function of pin PB13/SCK0.
Bit 10: PB13MD
Description
0
General input/output (PB13)
(Initial value)
1
Serial clock input/output (SCK0)
• Bits 9 and 8—PB12 Mode Bits 1 and 0 (PB12MD1, PB12MD0): These bits select the function
of pin PB12/TCLKA/
UBCTRG.
Bit 9: PB12MD1
Bit 8: PB12MD0
Description
0
0
General input/output (PB12)
(Initial value)
1
ATU clock input (TCLKA)
1
0
Trigger pulse output (
UBCTRG)
1
Reserved (Do not set)
• Bits 7 and 6—PB11 Mode Bits 1 and 0 (PB11MD1, PB11MD0): These bits select the function
of pin PB11/RxD4/HRxD0/TO8H.
Bit 7: PB11MD1
Bit 6: PB11MD0
Description
0
0
General input/output (PB11)
(Initial value)
1
Receive data input (RxD4)
1
0
HCAN receive data input (HRxD)
1
ATU one-shot pulse output (TO8H)
• Bits 5 and 4—PB10 Mode Bits 1 and 0 (PB10MD1, PB10MD0): These bits select the function
of pin PB10/TxD4/HTxD0/TO8G.
Bit 5: PB10MD1
Bit 4: PB10MD0
Description
0
0
General input/output (PB10)
(Initial value)
1
Transmit data output (TxD4)
1
0
HCAN transmit data output (HTxD)
1
ATU one-shot pulse output (TO8G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com