Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 644 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 644 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 640Page - Renesas Technology Corp SH7052 Datasheet HTML 641Page - Renesas Technology Corp SH7052 Datasheet HTML 642Page - Renesas Technology Corp SH7052 Datasheet HTML 643Page - Renesas Technology Corp SH7052 Datasheet HTML 644Page - Renesas Technology Corp SH7052 Datasheet HTML 645Page - Renesas Technology Corp SH7052 Datasheet HTML 646Page - Renesas Technology Corp SH7052 Datasheet HTML 647Page - Renesas Technology Corp SH7052 Datasheet HTML 648Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 644 / 919 page
background image
618
18.3.5
Port B Invert Register (PBIR)
Bit:
15
14
13
12
11
10
9
8
PB15IR
PB14IR PB13IR
—
PB11IR
PB10IR
PB9IR
PB8IR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PB7IR
PB6IR
PB5IR
PB4IR
PB3IR
PB2IR
PB1IR
PB0IR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The port B invert register (PBIR) is a 16-bit readable/writable register that sets the port B
inversion function. Bits PB15IR to PB13IR and PB11IR to PB0IR correspond to pins
PB15/PULS5/SCK2 to PB13/SCK0 and PB11/RxD4/HRxD0/TO8H to PB0/TO6A. PBIR is
enabled when port B pins function as ATU outputs or serial clock pins, and disabled otherwise.
When port B pins function as ATU outputs or serial clock pins, the value of a pin is inverted when
the corresponding bit in PBIR is set to 1.
PBIR is initialized to H'0000 by a power-on reset (excluding a WDT power-on reset), and in
hardware standby mode. It is not initialized in software standby mode or sleep mode.
PBnIR
Description
0
Value is not inverted
(Initial value)
1
Value is inverted
n = 15 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com