Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 642 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 642 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 638Page - Renesas Technology Corp SH7052 Datasheet HTML 639Page - Renesas Technology Corp SH7052 Datasheet HTML 640Page - Renesas Technology Corp SH7052 Datasheet HTML 641Page - Renesas Technology Corp SH7052 Datasheet HTML 642Page - Renesas Technology Corp SH7052 Datasheet HTML 643Page - Renesas Technology Corp SH7052 Datasheet HTML 644Page - Renesas Technology Corp SH7052 Datasheet HTML 645Page - Renesas Technology Corp SH7052 Datasheet HTML 646Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 642 / 919 page
background image
616
• Bits 15 and 14—PB7 Mode Bits 1 and 0 (PB7MD1, PB7MD0): These bits select the function
of pin PB7/TO7D/TO8D.
Bit 15: PB7MD1
Bit 14: PB7MD0
Description
0
0
General input/output (PB7)
(Initial value)
1
ATU PWM output (TO7D)
1
0
ATU one-shot pulse output (TO8D)
1
Reserved (Do not set)
• Bits 13 and 12—PB6 Mode Bits 1 and 0 (PB6MD1, PB6MD0): These bits select the function
of pin PB6/TO7C/TO8C.
Bit 13: PB6MD1
Bit 12: PB6MD0
Description
0
0
General input/output (PB6)
(Initial value)
1
ATU PWM output (TO7C)
1
0
ATU one-shot pulse output (TO8C)
1
Reserved (Do not set)
• Bits 11 and 10—PB5 Mode Bits 1 and 0 (PB5MD1, PB5MD0): These bits select the function
of pin PB5/TO7B/TO8B.
Bit 11: PB5MD1
Bit 10: PB5MD0
Description
0
0
General input/output (PB5)
(Initial value)
1
ATU PWM output (TO7B)
1
0
ATU one-shot pulse output (TO8B)
1
Reserved (Do not set)
• Bits 9 and 8—PB4 Mode Bits 1 and 0 (PB4MD1, PB4MD0): These bits select the function of
pin PB4/TO7A/TO8A.
Bit 9: PB4MD1
Bit 8: PB4MD0
Description
0
0
General input/output (PB4)
(Initial value)
1
ATU PWM output (TO7A)
1
0
ATU one-shot pulse output (TO8A)
1
Reserved (Do not set)
• Bit 7—Reserved: This bit always reads 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com