Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 638 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 638 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 634Page - Renesas Technology Corp SH7052 Datasheet HTML 635Page - Renesas Technology Corp SH7052 Datasheet HTML 636Page - Renesas Technology Corp SH7052 Datasheet HTML 637Page - Renesas Technology Corp SH7052 Datasheet HTML 638Page - Renesas Technology Corp SH7052 Datasheet HTML 639Page - Renesas Technology Corp SH7052 Datasheet HTML 640Page - Renesas Technology Corp SH7052 Datasheet HTML 641Page - Renesas Technology Corp SH7052 Datasheet HTML 642Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 638 / 919 page
background image
612
18.3.3
Port B IO Register (PBIOR)
Bit:
15
14
13
12
11
10
9
8
PB15
IOR
PB14
IOR
PB13
IOR
PB12
IOR
PB11
IOR
PB10
IOR
PB9
IOR
PB8
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PB7
IOR
PB6
IOR
PB5
IOR
PB4
IOR
PB3
IOR
PB2
IOR
PB1
IOR
PB0
IOR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The port B IO register (PBIOR) is a 16-bit readable/writable register that selects the input/output
direction of the 16 pins in port B. Bits PB15IOR to PB0IOR correspond to pins
PB15/PULS5/SCK2 to PB0/TO6A. PBIOR is enabled when port B pins function as general
input/output pins (PB15 to PB0) or serial clock pins (SCK0, SCK1, SCK2), and disabled
otherwise.
When port B pins function as PB15 to PB0 or SCK0, SCK1, and SCK2, a pin becomes an output
when the corresponding bit in PBIOR is set to 1, and an input when the bit is cleared to 0.
PBIOR is initialized to H'0000 by a power-on reset (excluding a WDT power-on reset), and in
hardware standby mode. It is not initialized in software standby mode or sleep mode.
18.3.4
Port B Control Registers H and L (PBCRH, PBCRL)
Port B control registers H and L (PBCRH, PBCRL) are 16-bit readable/writable registers that
select the functions of the 16 multiplex pins in port B. PBCRH selects the functions of the pins for
the upper 8 bits of port B, and PBCRL selects the functions of the pins for the lower 8 bits.
PBCRH and PBCRL are initialized to H'0000 by a power-on reset (excluding a WDT power-on
reset), and in hardware standby mode. They are not initialized in software standby mode or sleep
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com