Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 641 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 641 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 637Page - Renesas Technology Corp SH7052 Datasheet HTML 638Page - Renesas Technology Corp SH7052 Datasheet HTML 639Page - Renesas Technology Corp SH7052 Datasheet HTML 640Page - Renesas Technology Corp SH7052 Datasheet HTML 641Page - Renesas Technology Corp SH7052 Datasheet HTML 642Page - Renesas Technology Corp SH7052 Datasheet HTML 643Page - Renesas Technology Corp SH7052 Datasheet HTML 644Page - Renesas Technology Corp SH7052 Datasheet HTML 645Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 919 page
background image
615
• Bits 3 and 2—PB9 Mode Bits 1 and 0 (PB9MD1, PB9MD0): These bits select the function of
pin PB9/RxD3/TO8F.
Bit 3: PB9MD1
Bit 2: PB9MD0
Description
0
0
General input/output (PB9)
(Initial value)
1
Receive data input (RxD3)
1
0
ATU one-shot pulse output (TO8F)
1
Reserved (Do not set)
• Bits 1 and 0—PB8 Mode Bits 1 and 0 (PB8MD1, PB8MD0): These bits select the function of
pin PB8/TxD3/TO8E.
Bit 1: PB8MD1
Bit 0: PB8MD0
Description
0
0
General input/output (PB8)
(Initial value)
1
Transmit data output (TxD3)
1
0
ATU one-shot pulse output (TO8E)
1
Reserved (Do not set)
Port B Control Register L (PBCRL)
Bit:
15
14
13
12
11
10
9
8
PB7MD1 PB7MD0 PB6MD1 PB6MD0 PB5MD1 PB5MD0 PB4MD1 PB4MD0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
—
PB3MD
—
PB2MD
—
PB1MD
—
PB0MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R
R/W
R
R/W
R
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com