Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 784 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 784 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 780Page - Renesas Technology Corp SH7052 Datasheet HTML 781Page - Renesas Technology Corp SH7052 Datasheet HTML 782Page - Renesas Technology Corp SH7052 Datasheet HTML 783Page - Renesas Technology Corp SH7052 Datasheet HTML 784Page - Renesas Technology Corp SH7052 Datasheet HTML 785Page - Renesas Technology Corp SH7052 Datasheet HTML 786Page - Renesas Technology Corp SH7052 Datasheet HTML 787Page - Renesas Technology Corp SH7052 Datasheet HTML 788Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 784 / 919 page
background image
758
21.6.2
User Program Mode
After setting FWE, the user should branch to, and execute, the previously prepared
programming/erase control program.
The Flash memory cannot be read while the flash memory is being written/erased. Execute the
control program for programming or erasing using the on-chip RAM, external memory, or flash
memory outside the address areas.
Use the following procedure (figure 21.12) to execute the programming control program that
writes to flash memory (when transferred to RAM).
Execute user application
program
Execute programming/
erase control program in RAM
(flash memory rewriting)
Transfer programming/erase
control program to RAM
FWE = 1
(user program mode)
Write FWE assessment program
and transfer program
1
2
3
4
5
Figure 21.12 User Program Mode Execution Procedure
Note:
When programming and erasing, start the watchdog timer so that measures can be taken to
prevent program runaway, etc. Memory cells may not operate normally if
overprogrammed or overerased due to program runaway.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com