Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 788 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 788 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 784Page - Renesas Technology Corp SH7052 Datasheet HTML 785Page - Renesas Technology Corp SH7052 Datasheet HTML 786Page - Renesas Technology Corp SH7052 Datasheet HTML 787Page - Renesas Technology Corp SH7052 Datasheet HTML 788Page - Renesas Technology Corp SH7052 Datasheet HTML 789Page - Renesas Technology Corp SH7052 Datasheet HTML 790Page - Renesas Technology Corp SH7052 Datasheet HTML 791Page - Renesas Technology Corp SH7052 Datasheet HTML 792Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 788 / 919 page
background image
762
Return
Start of subroutine
Set PSU1 bit in FLMCR1
Enable WDT
Set P1 bit in FLMCR1
Wait: tSPSU
Clear P1 bit in FLMCR1
Wait: tSP10, tSP30 or tSP200
Clear PSU1 bit in FLMCR1
Wait: tCP
Disable WDT
Wait: tCPSU
Subroutine: Write Pulse
*5
Reprogram Data
(X')
00
0
01
1
10
1
11
1
Verify Data
(V)
Additional-Programming
Data (Y)
Comments
Additional programming executed
Additional programming not executed
Additional programming not executed
Additional programming not executed
RAM
Program data storage area
(128 bytes)
Reprogram data storage area
(128 bytes)
Additional program data
storage area (128 byte)
Number of Writes n
1
2
3
4
5
6
7
8
9
10
11
12
13
.
.
.
998
999
1000
Write Time (z)
µsec
tSP30
tSP30
tSP30
tSP30
tSP30
tSP30
tSP200
tSP200
tSP200
tSP200
tSP200
tSP200
tSP200
.
.
.
tSP200
tSP200
tSP200
Original Data
(D)
Verify Data
(V)
01
0
10
0
Reprogram Data
(X)
Comments
Programming complete.
Programming is incomplete; reprogramming should be performed.
Reprogram Data Computation Table
01
1
—
11
1
Left in the erased state.
Additional-Programming Data Computation Table
Note: Use a tSP10 write pulse for additional programming.
Notes: 1. Transfer data in byte units. The lower eight bits of the start
address to which data is written must be H'00 or H'80.
Transfer 128-byte data even when writing fewer than 128 bytes.
In this case, Set H'FF in unused addresses.
2. Read verify data in longword form (32 bits).
3. Even for bits to which data has already been written in the 128-
byte programming loop, an additional write should be performed
if the next verify write data is not the same as the verify data.
4. A 128-byte area for storing program data, a 128-byte area for
storing reprogram data, and a 128-byte area for storing additional
program data must be provided in RAM. The reprogram and
additional program data contents are modified as programming
proceeds.
5. A write pulse of tSP30 or tSP200 is applied according to the
progress of the programming operation. See Note 6 for the pulse
widths. When writing of the additional program data is executed,
a tSP10 write pulse should be applied. Reprogram data X' means
reprogram data when the pulse is applied.
6. Write Pulse Width
Figure 21.14 Program/Program-Verify Flowchart (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com