Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 787 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 787 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 783Page - Renesas Technology Corp SH7052 Datasheet HTML 784Page - Renesas Technology Corp SH7052 Datasheet HTML 785Page - Renesas Technology Corp SH7052 Datasheet HTML 786Page - Renesas Technology Corp SH7052 Datasheet HTML 787Page - Renesas Technology Corp SH7052 Datasheet HTML 788Page - Renesas Technology Corp SH7052 Datasheet HTML 789Page - Renesas Technology Corp SH7052 Datasheet HTML 790Page - Renesas Technology Corp SH7052 Datasheet HTML 791Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 787 / 919 page
background image
761
Start
Programming end
Set SWE1 bit in FLMCR1
Wait: tSSWE
n = 1
m = 0
Subroutine call
No
Subroutine call
See Note 6 for pulse width
No
No
No
No
No
Yes
Yes
Yes
Yes
Yes
Yes
Wait: tSPV
Wait: tSPVR
*2
*4
*1
*1
Write Pulse (tSP10)
Set PV1 bit in FLMCR1
Perform H'FF dummy-write to verify address
Read verify data
Write data = verify data?
6
≥ n?
6
≥ n?
*4
*4
*3
Compute additional-programming data
Wait: tCSWE
m = 1
128 byte data verify
complete?
m = 0?
Increment
address
Programming failure
Wait: tCSWE
Clear SWE1 bit in FLMCR1
Clear SWE1 bit in FLMCR1
n
≥ 1000?
Successively write 128-byte data from
reprogram data area in RAM to flash memory
Write Pulse (tSP30 or tSP200)
Store 128 bytes program data in program
data area and reprogram data area
Transfer additional-programming data
to additional-programming data area
Compute reprogram data
Clear PV1 bit in FLMCR1
Wait: tCPV
Transfer reprogram data to reprogram data area
Successively write 128-byte data from additional-
programming data area in RAM to flash memory
n
← n + 1
Data writes must be performed
in the memory-erased state.
Do not write additional data to
an address to which data is
already written.
Figure 21.13 Program/Program-Verify Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com