Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 791 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 791 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 787Page - Renesas Technology Corp SH7052 Datasheet HTML 788Page - Renesas Technology Corp SH7052 Datasheet HTML 789Page - Renesas Technology Corp SH7052 Datasheet HTML 790Page - Renesas Technology Corp SH7052 Datasheet HTML 791Page - Renesas Technology Corp SH7052 Datasheet HTML 792Page - Renesas Technology Corp SH7052 Datasheet HTML 793Page - Renesas Technology Corp SH7052 Datasheet HTML 794Page - Renesas Technology Corp SH7052 Datasheet HTML 795Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 791 / 919 page
background image
765
End of erasing
Start
Set SWE1 bit in FLMCR1
Set ESU1 bit in FLMCR1
Set E1 bit in FLMCR1
Wait: tSSWE
Wait: tSESU
n = 1
Set EBR1, 2
Enable WDT
*3
Wait: tSE
Wait: tCE
Wait: tCESU
Wait: tSEV
Set block start address to verify address
Wait: tSEVR
Wait: tCEV
*2
*4
Start erase
Clear E1 bit in FLMCR1
Clear ESU1 bit in FLMCR1
Set EV1 bit in FLMCR1
H'FF dummy write to verify address
Read verify data
Clear EV1 bit in FLMCR1
Wait: tCEV
Clear EV1 bit in FLMCR1
Wait: tCSWE
Disable WDT
Halt erase
*1
Verify data = all "1"?
Last address of block?
End of
erasing of all erase
blocks?
Erase failure
Wait: tCSWE
Clear SWE1 bit in FLMCR1
Clear SWE1 bit in FLMCR1
n
≥ 100?
NG
NG
NG
NG
OK
OK
OK
OK
n
← n + 1
Increment
address
Notes: 1. Preprogramming (setting erase block data to all "0") is not necessary.
2. Verify data is read in 32-bit (longword) units.
3. Set only one bit in EBR1. More than one bit cannot be set.
4. Erasing is performed in block units. To erase a number of blocks, each block must be erased in turn.
Erasing must be performed
in block units.
Figure 21.15 Erase/Erase-Verify Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com