Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 794 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 794 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 790Page - Renesas Technology Corp SH7052 Datasheet HTML 791Page - Renesas Technology Corp SH7052 Datasheet HTML 792Page - Renesas Technology Corp SH7052 Datasheet HTML 793Page - Renesas Technology Corp SH7052 Datasheet HTML 794Page - Renesas Technology Corp SH7052 Datasheet HTML 795Page - Renesas Technology Corp SH7052 Datasheet HTML 796Page - Renesas Technology Corp SH7052 Datasheet HTML 797Page - Renesas Technology Corp SH7052 Datasheet HTML 798Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 794 / 919 page
background image
768
21.8.2
Software Protection
Software protection can be implemented by setting the SWE1 bit in FLMCR1, erase block register
1 (EBR1), erase block register 2 (EBR2), and the RAMS bit in the RAM emulation register
(RAMER). When software protection is in effect, setting the P1 or E1 bit in flash memory control
register 1 (FLMCR1), does not cause a transition to program mode or erase mode. (See table
21.11.)
Table 21.11 Software Protection
Functions
Item
Description
Program
Erase
SWE bit protection
• Setting bit SWE1 in FLMCR1 to 0 will
place in the program/erase-protected
state.
Yes
Yes
Block specification
protection
• Erase protection can be set for individual
blocks by settings in erase block register 1
(EBR1) and erase block register 2 (EBR2).
• Setting EBR1 and EBR2 to H'00 places all
blocks in the erase-protected state.
—
Yes
Emulation protection •
Setting the RAMS bit to 1 in the RAM
emulation register (RAMER) places all
blocks in the program/erase-protected
state.
Yes
Yes
21.8.3
Error Protection
In error protection, an error is detected when SH7054F runaway occurs during flash memory
programming/erasing, or operation is not performed in accordance with the program/erase
algorithm, and the program/erase operation is aborted. Aborting the program/erase operation
prevents damage to the flash memory due to overprogramming or overerasing.
If the SH7054F malfunctions during flash memory programming/erasing, the FLER bit is set to 1
in FLMCR2 and the error protection state is entered. The FLMCR1, EBR1, and EBR2 settings are
retained, but program mode or erase mode is aborted at the point at which the error occurred.
Program mode or erase mode cannot be re-entered by re-setting the P1 or E1 bit. However, PV1
and EV1 bit setting is enabled, and a transition can be made to verify mode.
FLER bit setting conditions are as follows:
1. When the flash memory of the relevant address area is read during programming/erasing
(including vector read and instruction fetch)
2. When a SLEEP instruction (including software standby) is executed during
programming/erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com